Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT102 Datasheet(PDF) 2 Page - CUI INC

Part # AMT102
Description  INCREMENTAL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT102 Datasheet(HTML) 2 Page - CUI INC

  AMT102 Datasheet HTML 1Page - CUI INC AMT102 Datasheet HTML 2Page - CUI INC AMT102 Datasheet HTML 3Page - CUI INC AMT102 Datasheet HTML 4Page - CUI INC AMT102 Datasheet HTML 5Page - CUI INC AMT102 Datasheet HTML 6Page - CUI INC AMT102 Datasheet HTML 7Page - CUI INC AMT102 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
date
page
11/2010
2 of 8
SERIES:
DESCRIPTION: INCREMENTAL ENCODER
AMT10X
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
ENVIRONMENTAL SPECIFICATIONS
operating temperature
-40° ~ +100° C
storage temperature
-40° ~ +100°C
humidity
30 ~ 95% (no condensation)
AMT10X-V KIT
In order to provide maximum flexibility for our customers, the AMT10X series is provided in kit form standard. This allows the user to
implement the encoder into a range of applications using one sku#, reducing engineering and inventory costs.
AMT10X - V
Mounting Version:
2 = Straight (radial connector)
3 = Right Angle (axial connector)
103
BASE
103
TOP COVER
(4.76mm)
3mm
4mm
m
m
2
m
m
5
3/16 inch
1/4 inch
(6.35mm)
(3.175mm)
6mm
8mm
1/8 inch
Snow
e
u
l
B
y
k
S
t
h
g
i
L
e
g
n
a
r
O
1
e
l
p
r
u
P
0
6
y
a
r
G
1
w
o
ll
e
Y
1
d
e
R
Green1
Blue
102
TOOL B
102
TOP COVER
SHAFT
ADAPTER
102
BASE
TOOL A
WIDE BASE
SLEEVES
CUSTOM CONFIG KEY
For customers that prefer a specific AMT10X configuration, please reference the custom configuration key below.
AMT10X - XXXX - X XXXX - X
Sleeve Bore Diameter:
2000 = 2 mm
3000 = 3 mm
3175 = 3.175 mm (1/8”)
4000 = 4 mm
4760 = 4.76 mm (3/16”)
5000 = 5 mm
6000 = 6 mm
6350 = 6.35 mm (1/4”)
8000 = 8 mm
Resolution:
D016 = Dip switch
16 resolutions
XXXX = Insert set resolution
from chart
Mounting Version:
2 = Straight
(radial connector)
3 = Right Angle
(axial connector)
*If ordering wide base plate, standard base
plate is included.
Mounting Base Plate:
S = Standard base plate
(mounting hole options A~F, G on AMT 102)
W = Wide base plate (AMT 102 Only)*
(mounting hole options G~H)
Index Pulse:
I = Index Pulse
N = No Index Pulse



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com