Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT4070EA Datasheet(PDF) 1 Page - Sharp Corporation

Part # LT4070EA
Description  LED Panel Display(Substrate Type)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT4070EA Datasheet(HTML) 1 Page - Sharp Corporation

  LT4070EA Datasheet HTML 1Page - Sharp Corporation LT4070EA Datasheet HTML 2Page - Sharp Corporation LT4070EA Datasheet HTML 3Page - Sharp Corporation LT4070EA Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
40 2
16 2
5
5
17.8 156.4
13.5 150.5
17.2
63.0
13.5
58.5
Positive
Negative
Positive
Negative
LT4070EA
LT4071EA
LT4082H
LT4082E
LT4083H
LT4083E
MIN.
4.75
4.75
4.75
4.75
4.75
4.75
TYP.
5.0
5.0
5.0
5.0
5.0
5.0
MAX.
5.25
5.25
5.25
5.25
5.25
5.25
TYP.
63
61
59
68
26
45
TYP.
565
565
585
565
585
565
30
30
30
30
30
30
TYP.
30
30
30
30
30
30
V
LED
(V)
5
5
5
5
5
5
Display format
of LCD
LCD type
Supply
voltage
(V)
Radiation size(mm)
Radiation color
Yellow Yellow-green
Model No.
Operating voltage
V
LED(V)
Luminous intensity
L
V(cd/m
2)
Peak emission
wavelength
l p(nm)
Spectrum radiation bandwidth
D l( nm)
(Ta=25˚C)
LED Panel Display
Absolute Maximum Ratings (Substrate Type)
Electro-optical Characteristics (Substrate Type)
40 2
16 2
5
5
17.8 156.4
13.5 150.5
17.2
63.0
13.5
58.5
Positive
Negative
Positive
Negative
LT4070EA
LT4071EA
LT4082H
LT4082E
LT4083H
LT4083E
20
20
20
20
20
20
5
5
5
5
5
5
-10 to +60
-10 to +60
-10 to +60
-10 to +60
-10 to +60
-10 to +60
-20 to +70
-20 to +70
-25 to +70
-25 to +70
-25 to +70
-25 to +70
Display format
of LCD
LCD type
Supply
voltage
(V)
Radiation
size(mm)
Radiation color
Yellow Yellow-green
Model No.
Forward current
*1
I
F
(mA)
Reverse voltage
V
R
(V)
Operating temperature
T
opr.
(˚C)
Storage temperature
T
stg.
(˚C)
*1 Per chip
(Ta=25˚C)
LED Panel Display(Substrate Type)
40 2
16 2
5
5
17.8 156.4
13.5 150.5
17.2
63.0
13.5
58.5
Positive
Negative
Positive
Negative
LT4082H
LT4083H
LT4070EA
LT4071EA
LT4082E
LT4083E
Æ
Æ
Æ
14
15
12
13
Outline dimensions
Yellow
Display format of LCD
LCD type
Supply voltage
(V)
Radiation size
(mm)
Radiation color
Page
Figure
H
Yellow-green
E
Positive/Negative Display(White portion: Radiation color of backlight)
 Positive
 Negative
131
(Notice)
¡ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet)
¡ Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)


Similar Part No. - LT4070EA

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
LT40 EXTECH-LT40 Datasheet
474Kb / 1P
LED Light Meters
logo
List of Unclassifed Man...
LT400 ETC-LT400 Datasheet
530Kb / 1P
L TERMINAL SHUNT RESISTORS
logo
LEM
LT4000-S LEM-LT4000-S Datasheet
79Kb / 2P
Current Transducer LT 4000-S
More results

Similar Description - LT4070EA

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
4쩍 Digit, LED Display Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM-500 MURATA-DM-500 Datasheet
348Kb / 3P
digit, led display mini panel meter
logo
BetLux Electronics
BL-SS39A-12 BETLUX-BL-SS39A-12 Datasheet
143Kb / 4P
LED NUMERIC DISPLAY, SMD TYPE
REV NO: V.2
logo
List of Unclassifed Man...
LH01APTAI003 ETC-LH01APTAI003 Datasheet
264Kb / 6P
LED Heat Dissipation Substrate
LHA01APTAI001 ETC-LHA01APTAI001 Datasheet
218Kb / 6P
LED Heat Dissipation Substrate
LHA01APTAI004 ETC-LHA01APTAI004 Datasheet
283Kb / 6P
LED Heat Dissipation Substrate
LHA01APTAI004G ETC-LHA01APTAI004G Datasheet
261Kb / 6P
LED Heat Dissipation Substrate
logo
Shenzhen Putianhe Techn...
TA1666 PTH-TA1666 Datasheet
143Kb / 3P
LED Display panel drive control IC
TA1667 PTH-TA1667 Datasheet
175Kb / 4P
LED Display panel drive control IC
TM1820 PTH-TM1820 Datasheet
338Kb / 4P
LED Display panel driver IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com