Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF34NM60N Datasheet(PDF) 13 Page - STMicroelectronics

Part # STF34NM60N
Description  N-channel 600 V, 0.092 Ω, 29 A MDmesh??II Power MOSFET TO-220, TO-247, TO-220FP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF34NM60N Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STF34NM60N Datasheet HTML 9Page - STMicroelectronics STF34NM60N Datasheet HTML 10Page - STMicroelectronics STF34NM60N Datasheet HTML 11Page - STMicroelectronics STF34NM60N Datasheet HTML 12Page - STMicroelectronics STF34NM60N Datasheet HTML 13Page - STMicroelectronics STF34NM60N Datasheet HTML 14Page - STMicroelectronics STF34NM60N Datasheet HTML 15Page - STMicroelectronics STF34NM60N Datasheet HTML 16Page - STMicroelectronics STF34NM60N Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
STF34NM60N, STP34NM60N, STW34NM60N
Package mechanical data
Doc ID 17740 Rev 3
13/17
Figure 25.
TO-220 type A drawing
0015988_typeA_Rev_S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com