Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL17N3LLH6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL17N3LLH6
Description  N-channel 30 V, 0.0038 廓, 17 A PowerFLAT??3.3x3.3) STripFET??VI DeepGATE??Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL17N3LLH6 Datasheet(HTML) 1 Page - STMicroelectronics

  STL17N3LLH6 Datasheet HTML 1Page - STMicroelectronics STL17N3LLH6 Datasheet HTML 2Page - STMicroelectronics STL17N3LLH6 Datasheet HTML 3Page - STMicroelectronics STL17N3LLH6 Datasheet HTML 4Page - STMicroelectronics STL17N3LLH6 Datasheet HTML 5Page - STMicroelectronics STL17N3LLH6 Datasheet HTML 6Page - STMicroelectronics STL17N3LLH6 Datasheet HTML 7Page - STMicroelectronics STL17N3LLH6 Datasheet HTML 8Page - STMicroelectronics STL17N3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
November 2010
Doc ID 15535 Rev 3
1/13
13
STL17N3LLH6
N-channel 30 V, 0.0038
Ω, 17 A PowerFLAT™(3.3x3.3)
STripFET™ VI DeepGATE™ Power MOSFET
Features
■ RDS(on) * Qg industry benchmark
■ Extremely low on-resistance RDS(on)
■ High avalanche ruggedness
■ Low gate drive power losses
■ Very low switching gate charge
Application
Switching applications
Description
This product utilizes the 6th generation of design
rules of ST’s proprietary STripFET™ technology,
with a new gate structure. The resulting Power
MOSFET exhibits the lowest RDS(on) in a standard
package, that makes it suitable for the most
demanding DC-DC converter applications, where
high power density has to be achieved.
Figure 1.
Pin-out configuration
Order code
VDSS
RDS(on)
max.
ID
STL17N3LLH6
30 V
0.0045
Ω
17 A (1)
1.
The value is rated according Rthj-pcb
PowerFLAT™ (3.3 x 3.3)
12
3
4
SS
S
G
8
76
5
DD
D
D
BOTTOM VIEW
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL17N3LLH6
17N3L
PowerFLAT™ (3.3 x 3.3)
Tape and reel
www.st.com


Similar Part No. - STL17N3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL17N60M6 STMICROELECTRONICS-STL17N60M6 Datasheet
580Kb / 15P
N-channel 600 V, 300 m typ., 10 A, MDmesh™ M6 Power MOSFET in a PowerFLAT™ 8x8 HV package
14-Feb-2019
STL17N65M5 STMICROELECTRONICS-STL17N65M5 Datasheet
1Mb / 16P
Excellent switching performance
17-Jul-2013
More results

Similar Description - STL17N3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL9N3LLH5 STMICROELECTRONICS-STL9N3LLH5 Datasheet
652Kb / 12P
N-channel 30 V, 0.015 Ω, 9 A, PowerFLAT??(3.3x3.3) STripFET™V Power MOSFET
09-Jul-2009
STL150N3LLH6 STMICROELECTRONICS-STL150N3LLH6 Datasheet
835Kb / 12P
N-channel 30 V, 0.0016 Ω, 33 A PowerFLAT??(6x5) STripFET™VI DeepGATE??Power MOSFET
08-Sep-2009
STL160N3LLH6 STMICROELECTRONICS-STL160N3LLH6 Datasheet
781Kb / 16P
N-channel 30 V, 0.0011 廓, 35 A PowerFLAT??5x6 STripFET??VI DeepGATE??Power MOSFET
10-Nov-2011
STS26N3LLH6 STMICROELECTRONICS-STS26N3LLH6 Datasheet
730Kb / 14P
N-channel 30 V, 0.0038 Ω, 26 A, SO-8 STripFET™ VI DeepGATE™ Power MOSFET
19-Oct-2011
STD96N3LLH6 STMICROELECTRONICS-STD96N3LLH6 Datasheet
942Kb / 15P
N-channel 30 V, 0.0037 Ω, 80 A, DPAK STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2011
STL6N3LLH6 STMICROELECTRONICS-STL6N3LLH6 Datasheet
1Mb / 14P
N-channel 30 V, 0.021 typ., 6 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT
11-Oct-2012
STL80N3LLH6 STMICROELECTRONICS-STL80N3LLH6 Datasheet
874Kb / 13P
N-channel 30 V, 0.0046, 21 A PowerFLAT 5x6 STripFET VI DeepGATE Power MOSFET
02-Dec-2011
STL10N3LLH5 STMICROELECTRONICS-STL10N3LLH5 Datasheet
705Kb / 14P
N-channel 30 V, 0.015, 9 A, PowerFLAT 3.3x3.3 STripFET V Power MOSFET
09-Aug-2011
STL75N8LF6 STMICROELECTRONICS-STL75N8LF6 Datasheet
797Kb / 16P
N-channel 80 V, 5.6 mΩ, 18 A, PowerFLAT™ 5x6 STripFET™ VI DeepGATE™ Power MOSFET
November 2011 Rev 3
STL90N3LLH6 STMICROELECTRONICS-STL90N3LLH6 Datasheet
725Kb / 16P
N-channel 30 V, 0.0038 Ω typ., 24 A STripFET™ VI DeepGATE™ Power MOSFET in PowerFLAT™ 5x6 package
September 2013 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com