Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW34NM60N Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW34NM60N
Description  N-channel 600 V, 0.092 Ω, 29 A MDmesh??II Power MOSFET TO-220, TO-247, TO-220FP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW34NM60N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW34NM60N Datasheet HTML 3Page - STMicroelectronics STW34NM60N Datasheet HTML 4Page - STMicroelectronics STW34NM60N Datasheet HTML 5Page - STMicroelectronics STW34NM60N Datasheet HTML 6Page - STMicroelectronics STW34NM60N Datasheet HTML 7Page - STMicroelectronics STW34NM60N Datasheet HTML 8Page - STMicroelectronics STW34NM60N Datasheet HTML 9Page - STMicroelectronics STW34NM60N Datasheet HTML 10Page - STMicroelectronics STW34NM60N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STF34NM60N, STP34NM60N, STW34NM60N
Electrical characteristics
Doc ID 17740 Rev 3
7/17
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Gate charge vs gate-source voltage Figure 11.
Static drain-source on resistance
Figure 12.
Capacitance variations
Figure 13.
Output capacitance stored energy
ID
60
40
20
0
0
10
VDS(V)
20
(A)
5
15
25
80
5V
6V
VGS=10V
30
70
50
30
10
AM09020v1
ID
60
40
20
0
0
4
VGS(V)
8
(A)
2
6
80
10
30
50
70
VDS=20V
AM09021v1
VGS
6
4
2
0
0
2
Qg(nC)
(V)
8
8
4
6
10
VDD=480V
ID=29A
10
12
300
200
100
0
400
VDS
12
14
16
50
150
250
350
AM09022v1
RDS(on)
0.092
0.090
0.088
0.086
0
20
ID(A)
(
Ω)
10
30
0.094
0.096
0.098
VGS=10V
5
15
25
AM09023v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
10000
100
Ciss
Coss
Crss
AM09024v1
Eoss
1
2
0
0
100
VDS(V)
(µJ)
400
200
300
500
AM09025v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com