Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL85N6F3 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STL85N6F3
Description  N-channel 60 V, 0.0057 廓, 19 A PowerFLAT??5x6 STripFET??Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL85N6F3 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STL85N6F3 Datasheet HTML 7Page - STMicroelectronics STL85N6F3 Datasheet HTML 8Page - STMicroelectronics STL85N6F3 Datasheet HTML 9Page - STMicroelectronics STL85N6F3 Datasheet HTML 10Page - STMicroelectronics STL85N6F3 Datasheet HTML 11Page - STMicroelectronics STL85N6F3 Datasheet HTML 12Page - STMicroelectronics STL85N6F3 Datasheet HTML 13Page - STMicroelectronics STL85N6F3 Datasheet HTML 14Page - STMicroelectronics STL85N6F3 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package mechanical data
STL85N6F3
12/15
Doc ID 15340 Rev 2
Figure 20.
PowerFLAT™ 5x6 type C-B drawing
SEATING PLANE
LEADS COPLANARITY
See note 4
0.08
C
A
A1
0.1
C
A3
C
7286463_Rev_H
e/2
e
1
PIN 1 IDENTIFICATION
EXPOSED PAD
b 8x
D2/2
D2
E4
E2
Bottom View
Top View
PIN 1 IDENTIFICATION
1
D1
D
E1
E
E/2
D/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com