Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER26HD Datasheet(PDF) 17 Page - STMicroelectronics

Part # VIPER26HD
Description  Fixed frequency VIPerTM plus family
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER26HD Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VIPER26HD Datasheet HTML 13Page - STMicroelectronics VIPER26HD Datasheet HTML 14Page - STMicroelectronics VIPER26HD Datasheet HTML 15Page - STMicroelectronics VIPER26HD Datasheet HTML 16Page - STMicroelectronics VIPER26HD Datasheet HTML 17Page - STMicroelectronics VIPER26HD Datasheet HTML 18Page - STMicroelectronics VIPER26HD Datasheet HTML 19Page - STMicroelectronics VIPER26HD Datasheet HTML 20Page - STMicroelectronics VIPER26HD Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
VIPER26
Automatic auto restart after overload or short-circuit
Doc ID 17736 Rev 2
17/25
14
Automatic auto restart after overload or short-circuit
The overload protection is implemented in automatic way using the integrated up-down
counter. Every cycle, it is incremented or decremented depending if the current logic detects
the limit condition or not. The limit condition is the peak drain current, IDlim , reported on
Table 8 on page 7 or the one set by the user through the R
LIM resistor, as reported in
Figure 13 on page 9.
After the reset of the counter, if the peak drain current is continuously equal to the level IDlim,
the counter will be incremented till the fixed time, tOVL, after that will be disabled the power
MOSFET switch ON. It will be activated again, through the soft start, after the tRESTART time,
see the
Figure 26 on page 17 and the mentioned time values on Table 8 on page 7.
In case of overload or short-circuit event, the power MOSFET switching will be stopped after
a time that depends from the counter and that can be as maximum equal to tOVL. The
protection will occur in the same way until the overload condition is removed, see
Figure 26
on page 17.
This protection ensures restart attempts of the converter with low repetition rate, so that it
works safely with extremely low power throughput and avoiding the IC overheating in case of
repeated overload events.
If the overload is removed before the protection tripping, the counter will be decremented
cycle by cycle down to zero and the IC will not be stopped.
Figure 26.
Timing diagram: OLP sequence
time
time
V
DD
V
DDon
V
DDCSon
I
DRAIN
I
Dlim_bm
t
1
*
* The time t
1 can be lower or equal to the time tOVL
t
RESTART
t
SS
t
OVL
t
RESTART
t
SS
t
OVL
t
RESTART
t
SS
SHORT CIRCUIT
OCCURS HERE
SHORT CIRCUIT
REMOVED HERE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com