Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER26HDTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # VIPER26HDTR
Description  Fixed frequency VIPerTM plus family
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER26HDTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VIPER26HDTR Datasheet HTML 3Page - STMicroelectronics VIPER26HDTR Datasheet HTML 4Page - STMicroelectronics VIPER26HDTR Datasheet HTML 5Page - STMicroelectronics VIPER26HDTR Datasheet HTML 6Page - STMicroelectronics VIPER26HDTR Datasheet HTML 7Page - STMicroelectronics VIPER26HDTR Datasheet HTML 8Page - STMicroelectronics VIPER26HDTR Datasheet HTML 9Page - STMicroelectronics VIPER26HDTR Datasheet HTML 10Page - STMicroelectronics VIPER26HDTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
VIPER26
Electrical data
Doc ID 17736 Rev 2
7/25
Table 8.
Controller section
Symbol
Parameter
Test condition
Min Typ Max
Unit
Error amplifier
VREF_FB
FB reference voltage
3.2
3.3
3.4
V
IFB_PULL UP Current pull up
-1
µA
GM
Trans conductance
2
mA/V
Current setting (LIM) pin
VLIM_LOW
Low level clamp voltage
ILIM = -100 µA0.5
V
Compensation (COMP) pin
VCOMPH
Upper saturation limit
TJ = 25 °C
3
V
VCOMPL
Burst mode threshold
TJ = 25 °C
1
1.1
1.2
V
VCOMPL_HYS Burst mode hysteresis
TJ = 25 °C
40
mV
HCOMP
∆VCOMP / ∆IDRAIN
3V/A
RCOMP(DYN) Dynamic resistance
VFB = GND
15
k
Ω
ICOMP
Source / sink current
VFB > 100 mV
150
µA
Max source current
VCOMP = GND, VFB = GND
220
µA
Current limitation
IDlim
Drain current limitation
ILIM = -10 µA, VCOMP = 3.3 V, TJ = 25 °C 0.66 0.7 0.74
A
tSS
Soft-start time
8.5
ms
TON_MIN
Minimum turn ON time
480
ns
IDlim_bm
Burst mode current limitation
VCOMP = VCOMPL
145
mA
Overload
tOVL
Overload time
50
ms
tRESTART
Restart time after fault
1
s
Oscillator section
FOSC
Switching frequency
VIPER26L
54
60
66
kHz
VIPER26H
103 115
127
kHz
FD
Modulation depth
FOSC = 60 kHz
±4
kHz
FOSC = 115 kHz
±8
kHz
FM
Modulation frequency
230
Hz
DMAX
Maximum duty cycle
70
80
%
Thermal shutdown
TSD
Thermal shutdown temperature
150 160
°C
THYST
Thermal shutdown hysteresis
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com