Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER26LD Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPER26LD
Description  Fixed frequency VIPerTM plus family
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER26LD Datasheet(HTML) 4 Page - STMicroelectronics

  VIPER26LD Datasheet HTML 1Page - STMicroelectronics VIPER26LD Datasheet HTML 2Page - STMicroelectronics VIPER26LD Datasheet HTML 3Page - STMicroelectronics VIPER26LD Datasheet HTML 4Page - STMicroelectronics VIPER26LD Datasheet HTML 5Page - STMicroelectronics VIPER26LD Datasheet HTML 6Page - STMicroelectronics VIPER26LD Datasheet HTML 7Page - STMicroelectronics VIPER26LD Datasheet HTML 8Page - STMicroelectronics VIPER26LD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Pin settings
VIPER26
4/25
Doc ID 17736 Rev 2
3
Pin settings
Figure 3.
Connection diagram (top view)
Note:
The copper area for heat dissipation has to be designed under the DRAIN pins.
Table 3.
Pin description
Pin n.
Name
Function
DIP-7 SO16
11-2
GND
Connected to the source of the internal power MOSFET and controller
ground reference.
-4
N.A.
Not available for user. It can be connected to GND (pins 1-2) or left not
connected.
25
VDD
Supply voltage of the control section. This pin provides the charging current
of the external capacitor.
36
LIM
This pin allows setting the drain current limitation. The limit can be reduced
by connecting an external resistor between this pin and GND. Pin left open if
default drain current limitation is used.
47
FB
Inverting input of the internal trans conductance error amplifier. Connecting
the converter output to this pin through a single resistor results in an output
voltage equal to the error amplifier reference voltage (See VFB_REF on
Table 7). An external resistors divider is required for higher output voltages.
58
COMP
Output of the internal trans conductance error amplifier. The compensation
network have to be placed between this pin and GND to achieve stability and
good dynamic performance of the voltage control loop. The pin is used also
to directly control the PWM with an
optocoupler. The linear voltage range extends from VCOMPL to VCOMPH
(
Table 7).
7,8
13-16 DRAIN
High voltage drain pin. The built-in high voltage switched start-up bias
current is drawn from this pin too.
Pins connected to the metal frame to facilitate heat dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com