Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6290A Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSV6290A
Description  Micropower with high merit factor CMOS operational amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6290A Datasheet(HTML) 4 Page - STMicroelectronics

  TSV6290A Datasheet HTML 1Page - STMicroelectronics TSV6290A Datasheet HTML 2Page - STMicroelectronics TSV6290A Datasheet HTML 3Page - STMicroelectronics TSV6290A Datasheet HTML 4Page - STMicroelectronics TSV6290A Datasheet HTML 5Page - STMicroelectronics TSV6290A Datasheet HTML 6Page - STMicroelectronics TSV6290A Datasheet HTML 7Page - STMicroelectronics TSV6290A Datasheet HTML 8Page - STMicroelectronics TSV6290A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Electrical characteristics
TSV6290, TSV6290A, TSV6291, TSV6291A
4/23
Doc ID 17117 Rev 1
2
Electrical characteristics
Table 3.
Electrical characteristics at VCC+ = +1.8 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25° C,
and RL connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSV6290-TSV6291
TSV6290A-TSV6291A
4
0.8
mV
Tmin < Top < Tmax
TSV6290-TSV6291
TSV6290A-TSV6291A
6
2
DVio
Input offset voltage drift
2
μV/°C
Iio
Input offset current(1)
(Vout =VCC/2)
110
pA
Tmin < Top < Tmax
1100
Iib
Input bias current(1)
(Vout =VCC/2)
110
pA
Tmin < Top < Tmax
1100
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
0 V to 1.8 V, Vout = 0.9 V
53
74
dB
Tmin < Top < Tmax
51
Avd
Large signal voltage gain
RL= 10 kΩ, Vout= 0.5 V to 1.3 V
78
95
dB
Tmin < Top < Tmax
73
VOH
High level output voltage
RL =10kΩ
35
5
mV
Tmin < Top < Tmax
50
VOL
Low level output voltage
RL =10kΩ
435
mV
Tmin < Top < Tmax
50
Iout
Isink
Vout = 1.8 V
6
12
mA
Tmin < Top < Tmax
4
Isource
Vout = 0 V
6
10
mA
Tmin < Top < Tmax
4
ICC
Supply current (per operator)
No load, Vout =VCC/2
25
31
µA
Tmin < Top < Tmax
33
AC performance
GBP
Gain bandwidth product
RL =10kΩ, CL = 100 pF
1.1
MHz
Gain
Minimum gain for stability
Phase margin = 60°, Rf = 10 kΩ,
RL =10kΩ, CL =20pF
+4
-3
V/V
SR
Slew rate
RL =10kΩ, CL = 100 pF,
Vout = 0.5 V to 1.3 V
0.33
V/
μs
1.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com