Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA28 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMBTA28
Description  NPN Surface Mount Darlington Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBTA28 Datasheet(HTML) 2 Page - Micro Commercial Components

  MMBTA28 Datasheet HTML 1Page - Micro Commercial Components MMBTA28 Datasheet HTML 2Page - Micro Commercial Components MMBTA28 Datasheet HTML 3Page - Micro Commercial Components MMBTA28 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBTA28
MCC
Revision: A
2011/01/01
0
50
100
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
A
Fig. 1, Max Power Dissipation vs
Ambient Temperature
150
200
250
300
350
0
0.1
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1
10
100
1000
I , COLLECTOR CURRENT (mA)
C
Fig. 2 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
T = 150°C
A
T = -50°C
A
I
C
I
B
= 1000
T = 25°C
A
TM
Micro Commercial Components
www.mccsemi.com
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com