Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT5451 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMDT5451
Description  NPN/PNP Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMDT5451 Datasheet(HTML) 2 Page - Micro Commercial Components

  MMDT5451 Datasheet HTML 1Page - Micro Commercial Components MMDT5451 Datasheet HTML 2Page - Micro Commercial Components MMDT5451 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings @ 25OC Unless Otherwise Specified
Parameter
Rating
Unit
VCEO
Collector-Emitter Voltage
VCBO
Collector-Base Voltage
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-0.2
A
PC
Collector Dissipation
0.2
W
TJ
Operating Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
PNP 5401 Section
Parameter
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=-1mAdc, IB=0)
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-100uAdc, IE=0)
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=-10uAdc, IC=0)
-5
---
Vdc
ICBO
Collector Cutoff Current
(VCB=-120Vdc,IE=0)
---
-50
nAdc
IEBO
Emitter Cutoff Current
(VEB=-3Vdc,IC=0)
---
-50
nAdc
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-10mAdc, IB=-1mAdc)
(IC=-50mAdc, IB=-5mAdc)
---
---
-0.5
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=-10mAdc, IB=-1mAdc)
(IC=-50mAdc, IB=-5mAdc)
---
---
-1.0
Vdc
fT
Current Gain-Bandwidth Product
(VCE=-10Vdc, IC=-10mAdc, f=100MHz)
Cobo
Output Capacitance
(VCB=-10Vdc, f=1MHz, IE=0)
MCC
TM
Micro Commercial Components
Symbol
Symbol
PNP 5401 Section
www.mccsemi.com
Revision: A
2011/04/08
2 of
3
hFE
DC Current Gain
(IC=-1mAdc, VCE=-5Vdc)
(IC=-10mAdc, VCE=-5Vdc)
(IC=-50mAdc, VCE=-5Vdc)
50
50
---
---
100
300
RthJA
Thermal Resistance Junction to Ambient Air
625
W
-0.2
-1.0
-150
V
-160
V
-150
---
Vdc
-160
---
Vdc
Noise
(VCE=-5V,IC=-200uA,
Figure
RS=10ohm, f=1KHz)
NF
8.0
dB
---
---
6.0
pF
100
300
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com