Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2952 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # 2SC2952
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

2SC2952 Datasheet(HTML) 1 Page - Advanced Semiconductor

  2SC2952 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL MAXIMUM
UNITS
BVCEO
IC = 1.0 mA
20
V
BVCBO
IC = 100 μA
30
V
BVEBO
IE = 100 μA
3
V
ICBO
VCB = 20 V
10
μA
hFE
VCE = 10 V
IC = 80 mA
30
80
200
---
ft
VCE = 10 V
IE = 60 mA
f = 200 MHz
2800
3300
MHz
CCB
VCB = 10 V
f = 1.0 MHz
2.5
pF
⏐S21E⏐2
VCE = 10 V
IE = 60 mA
f = 500 MHz
8.5
dB
NF
VCE = 10 V
IC = 10 mA V
f = 500 MHz
3.5
dB
NPN SILICON HIGH FREQUENCY TRANSISTOR
2SC2952
DESCRIPTION:
The
2SC2952 is a High Frequency
Transistor Designed for General
Purpose VHF-UHF Amplifier
Applications.
MAXIMUM RATINGS
IC
250 mA
VCE
30 V
PDISS
3.5 W @ TC = 25
OC
TJ
-65 to +200
OC
TSTG
-65 to +200
OC
θ
JC
50
OC/W
PACKAGE STYLE TO-33


Similar Part No. - 2SC2952

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
2SC2952 ASI-2SC2952 Datasheet
28Kb / 1P
The 2SC2592 is a High Frequency Transistor Designed for General Purpose VHF-UHF Amplifier Applications.
More results

Similar Description - 2SC2952

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
REV. A
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA810T CEL-UPA810T Datasheet
207Kb / 3P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
MRF586 ASI-MRF586 Datasheet
17Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6376 NJSEMI-2N6376 Datasheet
117Kb / 1P
NPN SILICON HIGH-FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA801T CEL-UPA801T_09 Datasheet
462Kb / 7P
NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA802T CEL-UPA802T_09 Datasheet
606Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM5943 CENTRAL-CM5943_15 Datasheet
97Kb / 2P
NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com