Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4350 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4350 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button LPC4350 Datasheet HTML 43Page - NXP Semiconductors LPC4350 Datasheet HTML 44Page - NXP Semiconductors LPC4350 Datasheet HTML 45Page - NXP Semiconductors LPC4350 Datasheet HTML 46Page - NXP Semiconductors LPC4350 Datasheet HTML 47Page - NXP Semiconductors LPC4350 Datasheet HTML 48Page - NXP Semiconductors LPC4350 Datasheet HTML 49Page - NXP Semiconductors LPC4350 Datasheet HTML 50Page - NXP Semiconductors LPC4350 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 145 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2.1 — 23 September 2011
47 of 145
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
PC_14
N1
-
-
-
-
-
[3]
I; PU -
R — Function reserved.
-
R — Function reserved.
I
U1_RXD — Receiver input for UART 1.
-
R — Function reserved.
I/O
GPIO6[13] — General purpose digital input/output
pin.
I/O
SGPIO13 — General purpose digital input/output pin.
O
ENET_TX_ER — Ethernet Transmit Error (MII
interface).
I/O
SD_DAT7 — SD/MMC data bus line 7.
PD_0
N2
-
-
-
-
-
[3]
I; PU -
R — Function reserved.
O
CTOUT_15 — SCT output 15. Match output 3 of timer
3.
O
EMC_DQMOUT2 — Data mask 2 used with SDRAM
and static devices.
-
R — Function reserved.
I/O
GPIO6[14] — General purpose digital input/output
pin.
-
R — Function reserved.
-
R — Function reserved.
I/O
SGPIO4 — General purpose digital input/output pin.
PD_1
P1
-
-
-
-
-
[3]
I; PU -
R — Function reserved.
-
R — Function reserved.
O
EMC_CKEOUT2 — SDRAM clock enable 2.
-
R — Function reserved.
I/O
GPIO6[15] — General purpose digital input/output
pin.
O
SD_POW — <tbd>.
-
R — Function reserved.
I/O
SGPIO5 — General purpose digital input/output pin.
PD_2
R1
-
-
-
-
-
[3]
I; PU -
R — Function reserved.
O
CTOUT_7 — SCT output 7. Match output 3 of timer 1.
I/O
EMC_D16 — External memory data line 16.
-
R — Function reserved.
I/O
GPIO6[16] — General purpose digital input/output
pin.
-
R — Function reserved.
-
R — Function reserved.
I/O
SGPIO6 — General purpose digital input/output pin.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com