Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4350 Datasheet(PDF) 115 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4350 Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button LPC4350 Datasheet HTML 111Page - NXP Semiconductors LPC4350 Datasheet HTML 112Page - NXP Semiconductors LPC4350 Datasheet HTML 113Page - NXP Semiconductors LPC4350 Datasheet HTML 114Page - NXP Semiconductors LPC4350 Datasheet HTML 115Page - NXP Semiconductors LPC4350 Datasheet HTML 116Page - NXP Semiconductors LPC4350 Datasheet HTML 117Page - NXP Semiconductors LPC4350 Datasheet HTML 118Page - NXP Semiconductors LPC4350 Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 145 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2.1 — 23 September 2011
115 of 145
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
td(WV)
write valid delay time
<tbd>
<tbd>
<tbd>
ns
th(W)
write hold time
<tbd>
<tbd>
<tbd>
ns
td(GV)
output enable valid delay time
<tbd>
<tbd>
<tbd>
ns
th(G)
output enable hold time
<tbd>
<tbd>
<tbd>
ns
td(AV)
address valid delay time
<tbd>
<tbd>
<tbd>
ns
th(A)
address hold time
<tbd>
<tbd>
<tbd>
ns
Read cycle parameters
tsu(D)
data input set-up time
<tbd>
<tbd>
<tbd>
ns
th(D)
data input hold time
<tbd>
<tbd>
<tbd>
ns
Write cycle parameters
td(QV)
data output valid delay time
<tbd>
<tbd>
<tbd>
ns
th(Q)
data output hold time
<tbd>
<tbd>
<tbd>
ns
Table 18.
Dynamic characteristics: Dynamic external memory interface, read strategy bits (RD bits) = 00 …continued
CL =30 pF, Tamb = 40 C to 85 C, VDD(REG)(3V3) = <tbd>.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 19.
Dynamic characteristics: Dynamic external memory interface, read strategy bits (RD bits) = 01
CL =30 pF, Tamb = 40 C to 85 C, VDD(REG)(3V3) = <tbd>.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Common to read and write cycles
Tcy(clk)
clock cycle time
<tbd>
-
-
ns
td(SV)
chip select valid delay time
<tbd>
<tbd>
<tbd>
ns
th(S)
chip select hold time
<tbd>
<tbd>
<tbd>
ns
td(RASV)
row address strobe valid delay time
<tbd>
<tbd>
<tbd>
ns
th(RAS)
row address strobe hold time
<tbd>
<tbd>
<tbd>
ns
td(CASV)
column address strobe valid delay time
<tbd>
<tbd>
<tbd>
ns
th(CAS)
column address strobe hold time
<tbd>
<tbd>
<tbd>
ns
td(WV)
write valid delay time
<tbd>
<tbd>
<tbd>
ns
th(W)
write hold time
<tbd>
<tbd>
<tbd>
ns
td(GV)
output enable valid delay time
-
-
-
ns
th(G)
output enable hold time
-
-
-
ns
td(AV)
address valid delay time
<tbd>
<tbd>
<tbd>
ns
th(A)
address hold time
<tbd>
<tbd>
<tbd>
ns
Read cycle parameters
tsu(D)
data input set-up time
<tbd>
<tbd>
<tbd>
ns
th(D)
data input hold time
<tbd>
<tbd>
<tbd>
ns
Write cycle parameters
td(QV)
data output valid delay time
<tbd>
<tbd>
<tbd>
ns
th(Q)
data output hold time
<tbd>
<tbd>
<tbd>
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com