Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST3904 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMST3904
Description  NPN Small Signal Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMST3904 Datasheet(HTML) 2 Page - Micro Commercial Components

  MMST3904 Datasheet HTML 1Page - Micro Commercial Components MMST3904 Datasheet HTML 2Page - Micro Commercial Components MMST3904 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMALL SIGNAL CHARACTERISTICS
Cobo
Output Capacitance
(VCB=5.0Vdc, f=1.0MHz, IE=0)
---
4.0
pF
Cibo
Input Capacitance
(VEB=0.5Vdc, f=1.0MHz, IC=0)
---
8.0
pF
hie
Input Impedance
1.0
10
kohms
hre
Voltage Feedback Ratio
0.5
8.0
X 10
-4
hfe
Small Signal Current Gain
100
400
---
hoe
Output Admittance
VCE=10Vdc,IC=1.0mAdc,
f=1.0KHz
1.0
40
uS
fT
Current Gain-Bandwidth Product
(VCE=20Vdc, IC=10mAdc, f=100MHz)
300
---
NHz
NF
Noise Figure
(VCE=5.0Vdc, IC=100uAdc, RS=1.0KOHMS, f=1.0KHz)
---
5.0
dB
SWITCHING CHARACTERISTICS
td
Delay Time
---
35
ns
tr
Rise Time
VCC=3.0Vdc, IC=100uAdc,
VBE(off)=0.5Vdc, IB1=1.0mAdc
---
35
ns
MMST3904
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com