Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5000 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # R5000
Description  200 mA High Voltage Silicon Rectifier 4000 to 5000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

R5000 Datasheet(HTML) 1 Page - Micro Commercial Components

  R5000 Datasheet HTML 1Page - Micro Commercial Components R5000 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R4000
THRU
R5000
200 mA
High Voltage
Silicon Rectifier
4000 to 5000 Volts
Features
•
Low Cost
•
Low Leakage
•
High Surge Capability
•
High Current Capability
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.80
7.60
B
.104
.140
2.60
3.60
C
.026
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
•
Operating Temperature: -65
°C to +150°C
•
Storage Temperature: -65
°C to +150°C
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
R400
0
4000V
2800V
4000V
R500
0
5000V
3500V
5000V
DO-15
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
200mA
TA = 50
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
5.0V
IFM = 0.2A;
TA =25
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
40
µA
TA = 25
TC = 100
Maximum Full Load
Reverse Current,
Full Cycle Average
9.5mm lead length
at TL =75
IR(AV)
30
µA
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
R400
0
R
5000
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - R5000

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R5000 RECTRON-R5000 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
MIC GROUP RECTIFIERS
R5000 MIC-R5000 Datasheet
172Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
R5000 CHONGQING-R5000 Datasheet
38Kb / 1P
HIGH VOLTAGE SILICON RECTIFIER
logo
Shenzhen Ping Sheng Ele...
R5000 PFS-R5000 Datasheet
331Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Diotech Company.
R5000 DIOTECH-R5000 Datasheet
704Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
More results

Similar Description - R5000

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R2500 RECTRON-R2500 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Dc Components
R4000 DCCOM-R4000 Datasheet
324Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER(4000 to 5000 Volts, 0.2 Ampere)
logo
Micro Commercial Compon...
RS3000 MCC-RS3000 Datasheet
70Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 3000 Volts
logo
Solid States Devices, I...
SHM15FSMS SSDI-SHM15FSMS Datasheet
236Kb / 2P
50-250 mA 1500-14000 VOLTS 200 usec HIGH VOLTAGE RECTIFIER
logo
Micro Commercial Compon...
RS3000 MCC-RS3000_11 Datasheet
219Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 3000 Volts
R2500 MCC-R2500 Datasheet
214Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 2500 to 3000 Volts
R4000F MCC-R4000F Datasheet
182Kb / 2P
200 Milliamp High Voltage Silicon Rectifier 4000 to 5000 Volts
R3000-TP MCC-R3000-TP Datasheet
240Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 2500 to 3000 Volts
R3000GP MCC-R3000GP Datasheet
378Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 3000 to 6000 Volts
R4000GPS MCC-R4000GPS Datasheet
546Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 4000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com