Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD1501 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMBD1501
Description  High Conductance Low Leakage Diode 350mW
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBD1501 Datasheet(HTML) 2 Page - Micro Commercial Components

  MMBD1501 Datasheet HTML 1Page - Micro Commercial Components MMBD1501 Datasheet HTML 2Page - Micro Commercial Components MMBD1501 Datasheet HTML 3Page - Micro Commercial Components MMBD1501 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBD1501thru MMBD1505
www.mccsemi.com
MCC
REVERSE VOLTAGE vs REVERSE CURRENT
BV - 3.0 to 100 uA
3
5
10
20
30
50
100
250
275
300
325
I - REVERSE CURRENT (uA)
R
Ta= 25°C
GENERAL RULE: The Reverse Current of a diode will approximately
double for every ten (10) Degree C increase in Temperature
FORWARD VOLTAGE vs FORWARD CURRENT
VF - 0.1 to 10 mA
0.1
0.2 0.3
0.5
1
2
3
5
10
500
550
600
650
700
750
800
I - FORWARD CURRENT (mA)
F
Ta= 25°C
Revision: B
2011/04/11
Reverse Current Vs Reverse Voltage
IR - 130 - 205 volts
VR , Reverse Voltage
9
6
3
0
130
150
170
190
210
TA=25
CAPACITANCE vs REVERSE VOLTAGE
VR - 0 to 15 V
02468
10
12
14
1
1.5
2
2.5
3
3.5
4
REVERSE VOLTAGE (V)
Ta= 25°C
15
FORWARD VOLTAGE vs FORWARD CURRENT
VF - 10 to 800 mA
I - FORWARD CURRENT (mA)
F
I
F
10
0
0.8
0.9
1.0
1.1
1.2
1.3
TA=25
700
30
60
100
300
500
TM
Micro Commercial Components
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com