Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8D Datasheet(PDF) 2 Page - Micro Commercial Components

Part # S8D
Description  8 Amp Silicon Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S8D Datasheet(HTML) 2 Page - Micro Commercial Components

  S8D Datasheet HTML 1Page - Micro Commercial Components S8D Datasheet HTML 2Page - Micro Commercial Components S8D Datasheet HTML 3Page - Micro Commercial Components S8D Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S8A
THRU
S8M
8Amp
Silicon Rectifier
50 to 1000 Volts
Features
•
Low Thermal Resistance
•
High Current Capability
•
High Temp Soldering: 260
°C for 10 Seconds At Terminals
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 8
°C/W Junction To Lead
Microsemi
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
S8A
S8A
50V
35V
50V
S8B
S8B
100V
70V
100V
S8D
S8D
200V
140V
200V
S8G
S8G
400V
280V
400V
S8J
S8J
600V
420V
600V
S8K
S8K
800V
560V
800V
S8M
S8M
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8.0A
Ta = 75
°C
Peak Forward Surge
Current
IFSM
300A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.20V
IFM = 8.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
100
µA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
150pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
0.070”
0.190
0.200
SUGGESTED SOLDER
PAD LAYOUT
H
J
E
F
G
A
B
D
C
Cathode Band
DO-214AB
(
HSMC) (Round Lead)
Revision:
5
2008/0
2/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.200
.214
5.08
5.43
B
.177
.203
4.705.30
C
.002
.005
.05
.13
D
---
.02
---
.51
E.047
.056
1.20
1.42
F
.168
.179
4.27
4.55
G.309
.322
7.85
8.18
H
.239
.243
6.08
6.18
J
.234
.240
5.95
6.10
TM
Micro Commercial Components
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0
and MSL rating 1
www.mccsemi.com
1 of 3
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com