Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9014-C Datasheet(PDF) 1 Page - Micro Commercial Components

Part # S9014-C
Description  NPN Silicon Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S9014-C Datasheet(HTML) 1 Page - Micro Commercial Components

  S9014-C Datasheet HTML 1Page - Micro Commercial Components S9014-C Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S9014
-B
NPN Silicon
Transistors
TO-92
Features
•
TO-92 Plastic-Encapsulate Transistors
•
Capable of 0.4Watts(Tamb=25
OC) of Power Dissipation.
•
Collector-current 0.1A
•
Collector-base Voltage 50V
•
Operating and storage junction temperature range: -55
OC to +150OC
•
Marking : S9014
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc, IE=0)
50
---
Vdc
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=0.1mAdc, IB=0)
45
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100uAdc, IC=0)
5.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=50Vdc, IE=0)
---
0.1
uAdc
ICEO
Collector Cutoff Current
(VCE=35Vdc, IB=0)
---
0.1
uAdc
IEBO
Emitter Cutoff Current
(VEB=3.0Vdc, IC=0)
---
0.1
uAdc
ON CHARACTERISTICS
hFE
DC Current Gain
(IC=1.0mAdc, VCE=5.0Vdc)
60
1000
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=100mAdc, IB=5.0mAdc)
---
0.3
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=100mAdc, IB=5.0mAdc)
---
1.0
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Transistor Frequency
(IC=10mAdc, VCE=5.0Vdc, f=30MHz)
150
---
MHz
CLASSIFICATION OF HFE
Rank
B
C
D
Range
100-300
200-600
400-1000
E
B
C
A
E
B
C
D
G
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.0
96
.104
2.44
2.64
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
S9014
-C
S9014
-D
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1


Similar Part No. - S9014-C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S9014-C MCC-S9014-C Datasheet
185Kb / 2P
NPN Silicon Transistors
More results

Similar Description - S9014-C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
SILICON NPN TRANSISTORS
July 1997
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
NPN SILICON TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
NPN SILICON TRANSISTORS
Sep-2001
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_06 Datasheet
113Kb / 3P
NPN Silicon Transistors
March, 2006 ??Rev. 11
logo
Guangdong Kexin Industr...
2SC4942 KEXIN-2SC4942 Datasheet
50Kb / 1P
NPN Silicon Transistors
logo
New Jersey Semi-Conduct...
2N4863 NJSEMI-2N4863 Datasheet
538Kb / 1P
SILICON NPN TRANSISTORS
logo
Continental Device Indi...
2N6430 CDIL-2N6430 Datasheet
262Kb / 4P
NPN SILICON TRANSISTORS
logo
Micro Commercial Compon...
S9013-G-AP MCC-S9013-G-AP Datasheet
248Kb / 2P
NPN Silicon Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com