Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC110L Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC110L
Description  Long Creepage Distance Type Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC110L Datasheet(HTML) 4 Page - Sharp Corporation

  PC110L Datasheet HTML 1Page - Sharp Corporation PC110L Datasheet HTML 2Page - Sharp Corporation PC110L Datasheet HTML 3Page - Sharp Corporation PC110L Datasheet HTML 4Page - Sharp Corporation PC110L Datasheet HTML 5Page - Sharp Corporation PC110L Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0
0
20mA
10mA
5mA
10
20
30
40
50
60
123456789
0
0
Pc ( MAX.)
20mA
10mA
5mA
5
10
15
20
25
30
2468
10
0.1
10
100
0
60
140
200
20
40
80
100
120
160
180
1
500k
Ω
100k
Ω
RBE =
0.1
10
100
0
60
20
40
80
100
1
500k
Ω
100k
Ω
F ( mA )
Collector-emitter voltage V CE (V)
Collector-emitter voltage VCE (V)
- 30
0
40
60
80
100
0
50
100
150
20
a (˚C)
- 30
0
40
60
80
100
0
50
100
150
20
Ambient Temperature
a (˚C)
Ambient Temperature
(*Applies only to R BE=
)
Current
(PC110L, PC111L*)
(*Applies only to R BE=
)
Current
(PC112L, PC113L*)
emitter Voltage
(PC110L, PC111L)
emitter Voltage
(PC112L, PC113L)
(PC110L, PC111L)(PC112L, PC113L
RBE =
IF = 30mA
IF = 30mA
Fig. 7-a Current Transfer Ratio vs. Forward
PC110L/PC111L/PC112L/PC113L
Fig. 7-b Current Transfer Ratio vs. Forward
Forward current I F ( mA )
Forward current I
Fig. 8-a Collector Current vs. Collector-
Fig. 8-b Collector Current vs. Collector-
Fig. 9-a Relative Current Transfer Ratio vs.
Fig. 9-b Relative Current Transfer Ratio vs.
Ambient temperature T
Ambient temperature T
)
VCE =5V
Ta = 25˚C
Ta = 25˚C
VCE =5V
Ta = 25˚C
RBE =
Ta = 25˚C
RBE =
IF = 5mA
VCE =5V
RBE =
IF = 10mA
VCE =5V
RBE =
PC(MAX.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com