Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC112L Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC112L
Description  Long Creepage Distance Type Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC112L Datasheet(HTML) 5 Page - Sharp Corporation

  PC112L Datasheet HTML 1Page - Sharp Corporation PC112L Datasheet HTML 2Page - Sharp Corporation PC112L Datasheet HTML 3Page - Sharp Corporation PC112L Datasheet HTML 4Page - Sharp Corporation PC112L Datasheet HTML 5Page - Sharp Corporation PC112L Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0
-30
0.02
0
20406080
100
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0
-30
0.02
0
20406080
100
0.04
0.06
0.08
0.10
0.12
0.14
0.16
- 30
0
20
40
60
100
5
5
5
5
5
5
80
a (˚C)
ICEO
ICBO
Ambient Temperature
- 30
0
20
40
60
100
5
5
5
5
5
5
80
a (˚C)
ICEO
ICBO
Ambient Temperature
Ambient temperature T a (˚C)
(PC110L, PC111L)
(PC112L, PC113L)
Ambient temperature T a (˚C)
(PC110L, PC111L)(PC112L, PC113L)
10 -5
10 -6
10 -7
10 -8
10 -9
10 -10
10 -11
0.2
0.1
0.5
1
2
5
10
20
50
100
0.01
0.1
1
10
50
200
500
t r
t f
t f
t r
t d
t s
VCE =2V
IC = 2mA
RBE =
Ta = 25˚C
0.2
0.1
0.5
1
2
5
10
20
100
0.01
0.1
1
10
50
200
500
t f
t r
t d
t s
t r
t f
VCE =2V
IC = 2mA
RBE =
Ta = 25˚C
50
(PC110L, PC111L )( PC112L, PC113L )
Fig.10-a Collector-emitter Saturation
Voltage vs. Ambient Temperature
Fig.10-b Collector-emitter Saturation
Voltage vs. Ambient Temperature
Fig.11-a Collector Dark Current vs.
10 -5
10 -6
10 -7
10 -8
10 -9
10 -10
10 -11
Ambient temperature T
Ambient temperature T
PC110L/PC111L/PC112L/PC113L
IF = 20mA
IC = 1mA
RBE =
IF = 20mA
IC = 1mA
RBE =
RBE =
RBE =
VCE = 20V
VCB = 30V
VCE = 20V
VCB = 30V
Fig.11-b Collector Dark Current vs.
Fig.12-a Response Time vs. Load Resistance
Load resistance R L ( k Ω )
Fig.12-b Response Time vs. Load Resistance
Load resistance R L ( k Ω )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com