Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFM18PL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SFM18PL
Description  1 Amp Super Fast Recovery Silicon Rectifier 50 to 600 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SFM18PL Datasheet(HTML) 1 Page - Micro Commercial Components

  SFM18PL Datasheet HTML 1Page - Micro Commercial Components SFM18PL Datasheet HTML 2Page - Micro Commercial Components SFM18PL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SFM11PL
THRU
SFM18PL
1 Amp Super Fast
Recovery
Silicon Rectifier
50 to 600 Volts
Features
For Surface Mount Applications
Low Power Loss, High Efficiency
High Temp Soldering: 260 C for 10 Seconds At Terminals
Operating Temperature: -50 C to +150 C
Storage Temperature: -50 C to +150 C
Maximum Thermal Resistance; 75 C/W Junction To Ambient.
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SFM11
PL
S1
50V
35V
50V
SFM12
PL
S2
100V
70V
100V
SFM13
PL
S3
150V
105V
150V
SFM14
PL
S4
200V
140V
200V
SFM15
PL
S5
300V
210V
300V
SFM16
PL
S6
400V
2
80V
400V
SFM17
PL
S7
500V
350V
500V
SFM18
PL
S8
600V
420V
600V
Electrical Characteristics @ 25 C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
Ta = 50 C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SFM11
PL-14PL
SFM15
PL-16PL
SFM17
PL-18PL
VF
.95V
1.25V
1.70V
IFM = 1.0A;
Ta = 25 C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5 A
100 A
Ta = 25 C
Ta = 100 C
Maximum Reverse
Recovery Time
Trr
35ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
10pF
Measured at
1.0MHz, VR=4.0V
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
Revision: A
2011/01/01
www.mccsemi.com
1 of 3
SOD-123FL
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
.037
.053
0.95
1.35
E
.020
.039
0.50
1.00
G
.010
-----
0.25
-----
H
-----
.008
----
.20
A
B
E
C
D
H
G
Welding Iron Temp:350oC for 3s max.
Maximum Ratings
Lead Free Finish/RoHS Compliant (Note1)("P"Suffix designates
Compliant. See ordering information)
Storage Condition: Less than 30
oC,RH<70%
Note: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - SFM18PL

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SFM18PL DIOTECH-SFM18PL Datasheet
785Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Nanjing International G...
SFM18PL DGNJDZ-SFM18PL Datasheet
105Kb / 2P
1 Amp Super Fast Recovery
More results

Similar Description - SFM18PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DLSF11 MCC-DLSF11 Datasheet
86Kb / 3P
1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
ER3A MCC-ER3A Datasheet
363Kb / 3P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 600 Volts
ER3AB MCC-ER3AB Datasheet
362Kb / 3P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 600 Volts
MURB1605CT MCC-MURB1605CT Datasheet
105Kb / 3P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
DLSF11 MCC-DLSF11_11 Datasheet
252Kb / 4P
1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
ER2A-L MCC-ER2A-L Datasheet
358Kb / 3P
2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
SF11M MCC-SF11M Datasheet
257Kb / 4P
1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
ES1B-LTP MCC-ES1B-LTP Datasheet
302Kb / 3P
1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER1A-L MCC-ER1A-L Datasheet
285Kb / 3P
1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ES1A-L MCC-ES1A-L_18 Datasheet
322Kb / 4P
1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com