Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5AL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # S5AL
Description  5 Amp Silicon Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S5AL Datasheet(HTML) 1 Page - Micro Commercial Components

  S5AL Datasheet HTML 1Page - Micro Commercial Components S5AL Datasheet HTML 2Page - Micro Commercial Components S5AL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S5AL
THRU
S5ML
5 Amp
Silicon Rectifier
50 to 1000 Volts
Features
•
For Surface Mount Applications
•
Extremely Low Thermal Resistance
•
High Current Capability
•
High Temp Soldering: 260
°C for 10 Seconds At Terminals
Maximum Ratings
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
S5AL
S5AL
50V
35V
50V
S5BL
S5BL
100V
70V
100V
S5DL
S5DL
200V
140V
200V
S5GL
S5GL
400V
280V
400V
S5JL
S5JL
600V
420V
600V
S5KL
S5KL
800V
560V
800V
S5ML
S5ML
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
5.0A
TL = 75
°C
Peak Forward Surge
Current
IFSM
100A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.20V
IFM = 5.0A;
Ta = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1mA
Ta = 25
°C
Ta = 100
°C
Typical Junction
Capacitance
CJ
100pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/03/04
TM
Micro Commercial Components
www.mccsemi.com
1 of
3
0.070”
0.190
0.125”
SUGGESTED SOLDER
PAD LAYOUT
DO-214AB
(SMC) (LEAD FRAME)
A
B
D
C
E
F
G
H
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A.260
.280
6.60
7.11
B.220
.245
5.59
6.22
C
.006
.012
0.15
0.31
D..030
.060
0.76
1..52
E.305
.320
7.75
8.13
F.079
.103
2.00
2.62
G.108
.128
2.75
3.25
H
.002
.008
0.050
0.203
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
Thermal Resistance:
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
10°C/W Junction to Lead
18°C/W Junction to Case
50°C/W Junction to Ambient
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C


Similar Part No. - S5AL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S5AL MCC-S5AL Datasheet
76Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
S5AL MCC-S5AL Datasheet
185Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
S5AL LEIDITECH-S5AL Datasheet
600Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
S5AL MCC-S5AL_13 Datasheet
185Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - S5AL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S5A MCC-S5A Datasheet
345Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
S5AL MCC-S5AL Datasheet
76Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
GS1A MCC-GS1A_11 Datasheet
237Kb / 4P
1 Amp Silicon Rectifier 50 to 1000 Volts
GS1A-TPS05 MCC-GS1A-TPS05 Datasheet
287Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
S1A MCC-S1A_11 Datasheet
237Kb / 4P
1 Amp Silicon Rectifier 50 to 1000 Volts
S2A MCC-S2A_11 Datasheet
243Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
S5A MCC-S5A_08 Datasheet
224Kb / 5P
5 Amp Silicon Rectifier 50 to 1000 Volts
S6A MCC-S6A_08 Datasheet
191Kb / 5P
6 Amp Silicon Rectifier 50 to 1000 Volts
S5AL MCC-S5AL_13 Datasheet
185Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
S5AL LEIDITECH-S5AL Datasheet
600Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com