Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP2997 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRP2997
Description  2A DDR I/II/III Bus Termination Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP2997 Datasheet(HTML) 7 Page - Exar Corporation

  XRP2997 Datasheet HTML 1Page - Exar Corporation XRP2997 Datasheet HTML 2Page - Exar Corporation XRP2997 Datasheet HTML 3Page - Exar Corporation XRP2997 Datasheet HTML 4Page - Exar Corporation XRP2997 Datasheet HTML 5Page - Exar Corporation XRP2997 Datasheet HTML 6Page - Exar Corporation XRP2997 Datasheet HTML 7Page - Exar Corporation XRP2997 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
X
XR
RP
P2
29
99
97
7
2
2A
A D
DD
DR
R II/
/IIII/
/IIIIII B
Bu
us
s T
Te
errm
miin
na
attiio
on
n R
Re
eg
gu
ulla
atto
orr
© 2011 Exar Corporation
7/8
Rev. 1.0.0
PACKAGE SPECIFICATION
8-PIN SOIC EXPOSED PAD
Unit: mm (inch)
Eject hole, oriented hole and mold mark are optional.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com