Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3H7 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC3H7
Description  Mini-falt Package, General Purpose Half Pitch Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H7 Datasheet(HTML) 2 Page - Sharp Corporation

  PC3H7 Datasheet HTML 1Page - Sharp Corporation PC3H7 Datasheet HTML 2Page - Sharp Corporation PC3H7 Datasheet HTML 3Page - Sharp Corporation PC3H7 Datasheet HTML 4Page - Sharp Corporation PC3H7 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC3H7/PC3Q67Q
s Electro-optical Characteristics
Parameter
Conditions
Input
Forward voltage
IF
=20mA
Terminal capacitance
Output
VCE
=50V, IF=0
Collector-emitter
IC
=0.1mA, IF=0
Emitter-collector
IE
=10µA, IF=0
Transfer
charac-
teristics
Collector current
IF
=1mA, VCE=5V
Collector-emitter
saturation voltage
IF
=20mA
IC
=1mA
Isolation resistance
DC500V
40 to 60%RH
Floating capacitance
V
=0, f=1MHz
Response time
Rise time
Fall time
PC3H7
PC3Q67Q
PC3H7
PC3Q67Q
PC3H7
PC3Q67Q
MIN.
−
−
−
70
6
0.2
−
5
×1010
−
−
−
TYP.
1.2
30
−
−
−
0.1
1
×1011
0.6
4
3
MAX.
1.4
250
100
−
−
35
−
−
−
4
0.2
−
1.0
18
18
Collector dark current
breakdown voltage
breakdown voltage
Symbol
VF
Ct
ICEO
BVCEO
IC
=0.1mA, IF=0
BVCEO
BVECO
IC
IF
=5mA, VCE=5V
IC
VCE(sat)
Cf
tr
tf
RISO
V
=0, f=1kHz
Unit
V
Reverse current
VR=4V
−
−
10
IR
µA
nA
VCE
=20V, IF=0
−
−
100
ICEO
nA
V
V
V
mA
2.5
5
30
mA
V
Ω
pF
pF
µs
µs
VCE
=2V
IC
=2mA
RL
=100Ω
(Ta
=25˚C)
0
10
20
30
40
50
60
−30
0
25
75
100
125
55
50
Ambient temperature Ta (°C)
0
100
80
60
70
40
20
−30
0
55
100
50
Ambient temperature Ta (°C)
Fig.1 Forward Current vs. Ambient
Temperature
Fig.2 Diode Power Dissipation vs. Ambient
Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com