Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3Q71XNIP Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC3Q71XNIP
Description  Low Input Current Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3Q71XNIP Datasheet(HTML) 1 Page - Sharp Corporation

  PC3Q71XNIP Datasheet HTML 1Page - Sharp Corporation PC3Q71XNIP Datasheet HTML 2Page - Sharp Corporation PC3Q71XNIP Datasheet HTML 3Page - Sharp Corporation PC3Q71XNIP Datasheet HTML 4Page - Sharp Corporation PC3Q71XNIP Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PC3H71X NIP Series
PC3Q71X NIP Series
PC3H71X NIP Series/PC3Q71X NIP Series
s Rank Table
s Absolute Maximum Ratings
s Outline Dimensions
(Unit : mm)
Low Input Current Type
Photocoupler
1. Programmable controllers
2. Facsimiles
3. Telephones
s Features
s Applications
1. Low input current type(IF
=0.5mA)
2. High resistance to noise due to high common rejection
voltage (CMR:MIN. 10kV/
µs)
3. Mini-flat package
4. Isolation voltage (Viso:2.5kVrms)
5. Recognized by UL, file No. E64380
Model No.
Rank mark
Ic (mA)
Conditions
PC3Q710NIP
PC3Q711NIP
A or no mark
A
0.5 to 3.0
1.0 to 2.5
IF
=0.5mA
VCE
=5V
Ta
=25°C
*1 Pulse width<=100
µs, Duty ratio=0.001
*2 40 to 60%RH, AC for 1 minute, f
=60Hz
*3 For 10s
Parameter
Symbol
Rating
Unit
Forward current
Peak forward current
IF
IFM
10
200
mA
mA
mA
Reverse voltage
Input
Output
VR
6
V
V
Power dissipation
Collector-emitter voltage
P
15
Collector power dissipation
Collector current
Total power dissipation
150
70
50
mW
mW
mW
Ptot
IC
PC
VCEO
V
Emitter-collector voltage
6
VECO
Viso
kVrms
170
Operating temperature
Topr
−40 to +125
−30 to +100
°C
°C
Storage temperature
Isolation voltage
Tstg
*2
*3
*1
Soldering temperature
Tsol
260
2.5
°C
(Ta
=25°C)
PC3Q71xNIP Series
0.4±
0.1
H 7 1
P C 3 Q 7 1
4.4±
0.2
5.3±
0.3
0.5+
0.4
−0.2
7.0+
0.2
−0.7
Anode mark
Epoxy resin
Internal connection
diagram
1
2
3
4
Anode
Anode
Cathode
Emitter
Collector
5.3±
0.3
C0.4
(Input side)
0.5+
0.4
−0.2
7.0+
0.2
−0.7
Epoxy resin
6
°
10.3±
0.3
1.27±
0.25
Primary side mark
8
1
9
16
16
14
12
15
13
10
11
9
1
3
5
2
4
7
6
8
7
5
3
1
6
4
2
13
11
9
14
12
10
8
15
16
Anode
Anode
Cathode
Emitter
Collector
PC3H71xNIP Series
1
2
4
3
Internal connection
diagram
1
4
3
2
0.2mm or more
Soldering area
Model No.
Rank mark
Ic (mA)
Conditions
PC3H710NIP
PC3H711NIP
PC3H712NIP
PC3H715NIP
A, B or no mark
A
A or B
B
0.5 to 3.5
0.7 to 1.75
0.7 to 2.5
1.0 to 2.5
IF
=0.5mA
VCE
=5V
Ta
=25°C
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/


Similar Part No. - PC3Q71XNIP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3Q14 SHARP-PC3Q14 Datasheet
154Kb / 4P
OPAQUE MINI-FLAT PACKAGE, AC INPUT TYPE PHOTOCOUPLER
PC3Q16 SHARP-PC3Q16 Datasheet
157Kb / 4P
OPAQUE MINI PACKAGE HIGH COLLECTOR EMITTER VOLTAGE TYPE PHOTOCOUPLER
PC3Q17 SHARP-PC3Q17 Datasheet
128Kb / 4P
OPAQUE MINI - FLAT PACKAGE, GENERAL PIRPOSE PHOTOCOUPLER
PC3Q410NIP SHARP-PC3Q410NIP Datasheet
74Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC3Q510NIP SHARP-PC3Q510NIP Datasheet
52Kb / 4P
Low Input Current, Half-Pitch Photocoupler
More results

Similar Description - PC3Q71XNIP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC364N SHARP-PC364N Datasheet
63Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC367NT SHARP-PC367NT Datasheet
63Kb / 5P
Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC727 SHARP-PC727 Datasheet
36Kb / 2P
Low Input Current Drive Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC8171NSZ SHARP-PC8171NSZ Datasheet
63Kb / 5P
Low Input Current Type Photocoupler
logo
COSMO Electronics Corp...
K1010Z COSMO-K1010Z Datasheet
977Kb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W Datasheet
1Mb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W_16 Datasheet
224Kb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com