Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS013B7DH01 Datasheet(PDF) 21 Page - Sharp Corporation

Part # LS013B7DH01
Description  Technical Literature For TFT-LCD Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B7DH01 Datasheet(HTML) 21 Page - Sharp Corporation

Back Button LS013B7DH01 Datasheet HTML 17Page - Sharp Corporation LS013B7DH01 Datasheet HTML 18Page - Sharp Corporation LS013B7DH01 Datasheet HTML 19Page - Sharp Corporation LS013B7DH01 Datasheet HTML 20Page - Sharp Corporation LS013B7DH01 Datasheet HTML 21Page - Sharp Corporation LS013B7DH01 Datasheet HTML 22Page - Sharp Corporation LS013B7DH01 Datasheet HTML 23Page - Sharp Corporation LS013B7DH01 Datasheet HTML 24Page - Sharp Corporation LS013B7DH01 Datasheet HTML 25Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
SPEC No.
LCP-2110019B
MODEL No.
LS013B7DH01
PAGE
19
6-5-5 COM Inversion
There are two types of inputs, COM signal serial input (EXTMODE=”L”) and external COM signal input (EXTMODE=”H”).
EXTMODE=“L”
M1:LC polarity inversion flag: If M1 is "H" then VCOM="H" is output. If M1 is "L" then VCOM="L" is output.
※
1:LC inversion has been changed by M1 flag statement.
※
2:The periods of plus polarity and minus polarity should be same length as much as possible.
EXTMODE="H" (COM inversion timing has two conditions )
SCS
EXTCOMIN
COM
※
3:LC inversion polarity has been set by the rising edge of EXTCOMIN.
※
4:The period of EXTCOMIN should be constant.
fCOM
※
4
※
4
※
3
fEXTCOMIN
twEXTCOMINH
②
: the EXTCOMIN input during low period of the SCS signal .
※
3
SCS
EXTCOMIN
COM
※
1:LC inversion polarity has been set by the falling edge of SCS signal.
※
2:The period of EXTCOMIN should be constant.
fCOM
※
2
※
2
※
1
※
1
fEXTCOMIN
twEXTCOMINH
①
: the EXTCOMIN input during high period of the SCS signal .
SCS
SI
COM
M0
M1
M2
M0
M2
M1
M2
M0
M1
fCOM
※
2
※
2
※
1
※
1
※
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com