Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3Q710NIP Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC3Q710NIP
Description  Low Input Current Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3Q710NIP Datasheet(HTML) 5 Page - Sharp Corporation

  PC3Q710NIP Datasheet HTML 1Page - Sharp Corporation PC3Q710NIP Datasheet HTML 2Page - Sharp Corporation PC3Q710NIP Datasheet HTML 3Page - Sharp Corporation PC3Q710NIP Datasheet HTML 4Page - Sharp Corporation PC3Q710NIP Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PC3H71X NIP Series/PC3Q71X NIP Series
Fig.16 Response Time vs. Load Resistance
0.1
1000
0.1
1
10
Load resistance RL (kΩ)
VCE=2V
IC=2mA
Ta=25°C
tf
tr
td
ts
100
10
1
Fig.21 Reflow Soldering
25
°C
2min
230
°C
200
°C
180
°C
1min
1min
1.5min
30s
Only one time soldering is recommended within the temperature
profile shown below.
Fig.19 Voltage Gain vs Frequency
Fig.20 Collector-emitter Saturation Voltage
vs. Forward Current
Forward current IF (mA)
0
5
0
2
4
6
8
10
Ta=25°C
4
3
2
1
IC=7mA
IC=5mA
IC=3mA
IC=2mA
IC=1mA
IC=0.5mA
−25
5
0.1
1
10
100
1000
Frequency f (kHz)
VCE=2V
IC=2mA
Ta=25°C
0
−5
−10
−15
−20
RL=10kΩ
1k
Ω
100
Ω
Fig.17 Response Time vs. Load Resistance
(Saturation)
Fig.18 Test Circuit for Response Time
0.1
1000
1
10
100
Load resistance RL (kΩ)
VCC=5V
IF=16mA
Ta=25°C
tf
td
ts
100
10
1
tr
10%
Input
Output
Input
Output
90%
ts
td
VCC
RD
RL
tf
tr



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com