Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC410 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC410
Description  Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC410 Datasheet(HTML) 4 Page - Sharp Corporation

  PC410 Datasheet HTML 1Page - Sharp Corporation PC410 Datasheet HTML 2Page - Sharp Corporation PC410 Datasheet HTML 3Page - Sharp Corporation PC410 Datasheet HTML 4Page - Sharp Corporation PC410 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PC410
2
3
4
0
255075
100
1
0
Fig. 5 High Level Output Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
0.2
0.3
0.5
0
25
50
100
0.1
0.4
75
12.8mA
9.6mA
6.4mA
Fig. 6 Low Level Output Voltage vs.
Ambient Temperature
Ambient temperature T a (˚C)
0
1
2
6
0
3
12
6
4
3
1k
Ω
5
4
5
4k
Ω
Forward Current
Forward current I
0
1
2
6
0
3
12
6
4
3
5
4
5
0
20
40
60
100
120
10
15
20
5
80
1kΩ
350Ω
1k
Ω
4k
Ω
Forward Current
Fig. 8 Propagation Delay Time vs.
20
40
60
80
100
120
0
25
50
75
100
1kΩ
350Ω
1k
Ω
4k
Ω
Ambient Temperature
Fig. 9 Propagation Delay Time vs.
Ambient temperature T a (˚C)
F ( mA )
Forward current I F ( mA )
Forward current I F ( mA )
Fig. 7-a Output Voltage vs.
Fig. 7-b Output Voltage vs. Forward Current
(Ambient Temp. Characteristics )
IF = 250 µ A
VCC = 5.5V
VO = 5.5V
IF = 5mA
VCC = 5.5V
IO = 16mA
RL = 350 Ω
RL =1k Ω
VCC =5V
T a = 0 to 70˚C
RL = 350 Ω
VCC =5V
Ta = 25˚C
VCC =5V
Ta = 25˚C
RL=4
kΩ
RL = 350 Ω
t PLH
t PLH
t PLH
t PHL
IF = 7.5mA
VCC =5V
RL=
4kΩ
RL = 350 Ω
t PLH
t PHL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com