Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP117 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # TIP117
Description  PNP Epitaxial Silicon Darlington Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TIP117 Datasheet(HTML) 1 Page - Micro Commercial Components

  TIP117 Datasheet HTML 1Page - Micro Commercial Components TIP117 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TIP115
TIP116
TIP117
PNP Epitaxial
Silicon Darlington
Transistors
Features
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
TIP115
TIP116
TIP117
60
80
100
V
VCBO
Collector-Base Voltage
TIP115
TIP116
TIP117
60
80
100
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current (DC)
2.0
A
ICP
Collector Current (Pulse)
4.0
A
IB
Base Current (DC)
50
mA
PC
Collector Dissipation @TA=25
OC
Collector Dissipation @TC=25
OC
2.0
50
W
W
TJ,
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbl
Parameter
Min
Max
Units
OFF CHARACTERISTICS
VCEO(SUS)
Collector-Emitter Sustaining Voltage
(I C=30mAdc, IB=0)
TIP115
TIP116
TIP117
60
80
100
---
---
---
Vdc
ICEO
Collector Cut-off Current
(V CE=30Vdc, IB=0)
TIP115
(VCE=40Vdc, IB=0)
TIP116
(VCE=50Vdc, IB=0)
TIP117
---
---
---
2.0
2.0
2.0
mAdc
ICBO
Collector Cut-off Current
(V CB=60Vdc, IE=0)
TIP115
(V CB=80Vdc, IE=0)
TIP116
(V CB=100Vdc, IE=0)
TIP117
---
---
---
1.0
1.0
1.0
mAdc
IEBO
Emitter Cut-off Current
(VBE=5.0Vdc, IC=0)
---
2.0
mAdc
ON CHARACTERISTICS
hFE(1)
DC Current Gain
(I C=1.0Adc, VCE=4.0Vdc)
(IC=2.0Adc, VCE=4.0Vdc)
1000
500
---
---
----
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=2.0Adc, IB=8.0mAdc)
---
2.5
Vdc
VBE(ON)
Base-Emitter On Voltage
(I C=2.0Adc,VCE=4.0Adc)
---
2.8
Vdc
Cob
Output Capacitance
(V CB=10V, IE=0, f=0.1MH z)
---
200
pF
TO-220
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
N
V
www.mccsemi.com
R110k
Ω
≅
R20.6k
Ω
≅
Equivalent Circuit
B
E
C
R1
R2


INCHES
MM






A
.595
.620
15.11
15.75
B
.380
.405
9.65
10.29
U
------
.050
-----
1.27
C
.160
.190
4.06
4.82
D
.025
.035
0.64
0.89
F
.142
.147
3.61
3.73
G
.190
.210
4.83
5.33
H
.110
.130
2.79
3.30
J
.018
.025
0.46
0.64
K
.500
.562
12.70
14.27
L
.045
.060
1.14
1.52
Q
.100
.120
2.54
3.04
R
.080
.110
2.04
2.79
S
.045
.055
1.14
1.39
T
.235
.255
5.97
6.48
2.Collector
3.Emitter
1.Base
Revision: A
2011/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components
•
High DC Current Gain : hFE=1000 @ VCE=4.0V, IC=1.0A(Min.)
•
Low Collector-Emitter Saturation Voltage
•
Complementary to TIP110/111/112
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
1 of 1
•
Lead Free Finish/RoHS Compliant (Note1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1


Similar Part No. - TIP117

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP117 MOSPEC-TIP117 Datasheet
146Kb / 3P
POWER TRANSISTORS(2.0A,60-100V,50W)
logo
Motorola, Inc
TIP117 MOTOROLA-TIP117 Datasheet
269Kb / 6P
DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP117 ONSEMI-TIP117 Datasheet
269Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
REV 1
logo
Power Innovations Ltd
TIP117 POINN-TIP117 Datasheet
160Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP117 STMICROELECTRONICS-TIP117 Datasheet
72Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1999
More results

Similar Description - TIP117

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1193 HITACHI-2SA1193 Datasheet
34Kb / 6P
Silicon PNP Epitaxial, Darlington
2SB1048 HITACHI-2SB1048 Datasheet
31Kb / 6P
Silicon PNP Epitaxial, Darlington
logo
Leshan Radio Company
MMBTA63LT1 LRC-MMBTA63LT1 Datasheet
115Kb / 3P
Darlington Transistors(PNP Silicon)
logo
Rohm
2SB1076M ROHM-2SB1076M Datasheet
42Kb / 1P
Epitaxial Planar PNP Silicon Darlington Transistors
logo
Sanyo Semicon Device
2SB1700 SANYO-2SB1700 Datasheet
35Kb / 4P
PNP/NPN Epitaxial Planar Silicon Darlington Transistors
logo
Renesas Technology Corp
2SA1193 RENESAS-2SA1193 Datasheet
161Kb / 6P
Silicon PNP Epitaxial, Darlington
2SB1048 RENESAS-2SB1048 Datasheet
160Kb / 6P
Silicon PNP Epitaxial, Darlington
logo
Micro Commercial Compon...
TIP115 MCC-TIP115 Datasheet
169Kb / 1P
PNP Epitaxial Silicon Darlington Transistors
TIP115 MCC-TIP115_13 Datasheet
467Kb / 2P
PNP Epitaxial Silicon Darlington Transistors
logo
Toshiba Semiconductor
TTB1067B TOSHIBA-TTB1067B Datasheet
310Kb / 7P
Bipolar Transistors Silicon PNP Epitaxial Type (Darlington Transistor)
2016-09-30 Rev.2.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com