Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC512 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC512
Description  European Safety Standard Approved Long Creepage Distance Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC512 Datasheet(HTML) 4 Page - Sharp Corporation

  PC512 Datasheet HTML 1Page - Sharp Corporation PC512 Datasheet HTML 2Page - Sharp Corporation PC512 Datasheet HTML 3Page - Sharp Corporation PC512 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PC512
0.1
0.2
0.5
1
2
5
10
20
50
200
100
100
500
10
1
0.1
0.01
025
50
75
5
2
100
2
5
2
5
2
5
Ambient Temperature
10 -6
10 -7
10 -8
10 -9
10 -10
V CE = 20V
Ambient temperature T a (˚C)
Fig. 9 Collector Dark Current vs.
0.1
1
10
5
0
100
100
1k
V CE =5V
IC = 2mA
T a = 25˚C
-20
-15
-10
-5
10
6
4.8
3.6
2.4
1.2
0
02
4
6
8
1mA
3mA
5mA
7mA
T a = 25˚C
IC = 0.5mA
Forward current I F ( mA )
V CE =2V
IC = 2mA
T a = 25˚C
Fig.11 Frequency Response
Fig.12 Collector-emitter Saturation Voltage
vs. Forward Current
Frequency ( kHz )
RL = 10k Ω
t r
t f
t d
t s
1000
1000
Please refer to the chapter “Precautions for Use ”
Fig.10 Response Time vs. Load Resistance
Load resistance R
k
L
(
Ω)
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com