Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC702V Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC702V
Description  High Collector-emitter Voltage Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC702V Datasheet(HTML) 2 Page - Sharp Corporation

  PC702V Datasheet HTML 1Page - Sharp Corporation PC702V Datasheet HTML 2Page - Sharp Corporation PC702V Datasheet HTML 3Page - Sharp Corporation PC702V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC702V
s Electro-optical Characteristics
*4 Classification table of current transfer ratio is shown below.
Model No.
Rank mark
CTR( % )
40 to 80
63 to 125
100 to 200
160 to 320
A or B
40 to 125
B or C
63 to 200
C or D
100 to 320
PC702V
A, B, C or D
40 to 320
A
B
C
D
( Ta = 25˚C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF
-
1.4
1.7
V
Reverse current
IR
V R =6V
-
-
10
µA
Terminal capacitance
Ct
V = 0, f = 1kHz
-
30
250
pF
Output
Collector dark current
ICEO
V CE = 10V, I F =0
-
-
5 x 10 -8
A
Transfer
charac-
teristics
*4Current transfer ratio
CTR
IFCE = 5V
40
-
320
%
Collector-emitter saturation voltage
V CE(sat) IFC
-
0.4
V
Isolation resistance
R ISO
5x 1010
1011
-
Cf
V = 0, f = 1MHz
-
0.6
1.0
pF
fc
-
150
-
kHz
t r
IFCC =5V
RL =75
Ω , R BE =
-2
7
µs
tf
-2
8
µs
Floating capacitance
Cut-off frequency
Response time
Rise time
Fall time
0
-55
20
- 25
0
25
50
75
100
125
40
60
80
Fig. 1 Forward Current vs.
Ambient Temperature
0
0
125
100
200
50
25
50
75
100
Ambient Temperature
150
160
-55
- 25
0.25
Measuring Conditions
VCE =5V
Ta = 25˚C
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
DC500V, 40 to 60% RH
PC702V1
PC702V2
PC702V3
PC702V4
PC702V5
PC702V6
PC702V7
= 60mA
= 10mA, V
= 10mA, I
IF = 10mA, V CC = 5V, R L =75
Ω, R BE = , - 3dB
= 10mA, V
= 2.5mA
Fig. 2 Collector Power Dissipation vs.
IF = 10mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com