Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC724V Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC724V
Description  High Input Current Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC724V Datasheet(HTML) 3 Page - Sharp Corporation

  PC724V Datasheet HTML 1Page - Sharp Corporation PC724V Datasheet HTML 2Page - Sharp Corporation PC724V Datasheet HTML 3Page - Sharp Corporation PC724V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
100
0.1
20
40
60
80
1
10
100
Forward current I F ( mA )
0
0
50
2468
10
10
20
30
40
50mA
30mA
10mA
10 -10
10 -9
10 -8
10 -7
10 -6
-25
25
0
50
75
100
Fig. 7 Collector Dark Current vs.
Ambient Temperature
Frequency f ( kHz )
-10
-5
0
-15
12
5
10
-20
500
200
100
50
20
1k
Ω
100
Ω
Fig. 9 Frequency Response
Fig. 5 Current Transfer Ratio vs.
Forward Current
Fig. 6 Collector Current vs.
Collector-emitter Voltage
Collector-emitter voltage V CE (V)
Ambient temperature T a (˚C)
L ( k Ω )
10
5
2
1
0.5
0.3
0.03
0.1
1
10
0.05
0.2
0.5
2
5
100
50
20
PC724V
Test Circuit for Response Time
VCC
t
tr
ts
90%
10%
td
Output
Input
RL
Input
Output
RD
f
Ta = 25˚C
VCE =2V
Ta = 25˚C
P C ( MAX.)
IF = 100mA
VCE = 20V
Ta = 25˚C
IC = 2mA
VCE =5V
t s
t d
t f
t r
Ta = 25˚C
IC = 2mA
VCE =5V
RL = 10k Ω
Fig. 8 Response Time vs. Load Resistance
Load resistance R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com