Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC03-3.8SC Datasheet(PDF) 1 Page - Recom International Power

Part # RAC03-3.8SC
Description  3 Watt Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC03-3.8SC Datasheet(HTML) 1 Page - Recom International Power

  RAC03-3.8SC Datasheet HTML 1Page - Recom International Power RAC03-3.8SC Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
(Ta=25°C and after warm up time, measured at 115VAC/60Hz and 230VAC/50Hz )
PA-6
www.recom-electronic.com
REV: 2/2011
Please Read Application Notes
POWERLINE
AC/DC-Converter
with 3 year Warranty
RAC03-C
3 Watt
Single
Output
● Ultracompact Low Profile AC-DC Power Supply
● 3 Watt PCB Mount Package
● Universal Input Voltage Range
● Class II Power Supply with 3kVAC Isolation
● Only 80mW Consumption in Standby
● -25°C to +85°C Operating Temperature
● Low Output Ripple/Noise
● Short Circuit Protected Outputs
● EN and CE Certified
Features
Regulated
Converters
Selection Guide
Input Voltage Range
90-264VAC or 120-370VDC
Rated Power
3 Watts max.
Input Frequency Range (for AC Input)
40-63Hz
Input Current (full load)
115/230VAC
85mA/40mA max.
No Load Power Consumption
80mW typ.
Inrush Current (<0.5ms)
115/230VAC
10/20A max.
Leakage Current
1.5mA max.
Output Voltage Tolerance (combined Tolerance, Line Reg and Load Reg at full load)
±5% max.
Line Voltage Regulation
low line, high line at full load
±3% max.
Load Voltage Regulation
10% to 100% full load
±6% max.
Output Ripple and Noise
3.3V, 3.8V Output
120mVp-p max.
(20MHz BW limited)
All others
100mVp-p max.
Operating Frequency
45kHz typ
Leakage Current
1.5mA max.
Minimum Load = 0%
specifications valid for 10% minimum load only
RMS Isolation Voltage (input to output)
3kVAC / 1 minute
Isolation Resistance
1 G
Ω min.
Isolation Capacitance
1000pF typ.
Short Circuit Protection
Automatic Restart
Overtemperature Protection
Internal Junction Temperature
135°C typ.
Temperature Hysteresis
20°C typ.
Operating Temperature Range
(natural convection, without derating)
-25°C to +75°C
(natural convection, with derating)
-25°C to +85°C
Storage Temperature Range
-40°C to +85°C
Humidity
non-condensing
95% RH max
Case Material
Plastic Case, Epoxy filled (UL94V-0)
Package Weight
30g
Packing Quantity
12 pcs
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25
0
50
85
75
80 90 100
Natural Convection
70
Description
The RAC03-C series is an ultra-compact
universal input AC/DC power module for PCB
mounting. It features high efficiency, low
standby power, high operating temperature,
soft start, low output ripple/noise, overload
and short-circuit protection as well as a
built-in EMC Class B filter. Output voltages
range from 3.3VDC to 24VDC, including a
3.8VDC version designed for battery
chargers and GSM modems.
Part
Input
Output
Output
Efficiency
Max
Number
Range
Voltage
Current
Capacitive
(VAC)
(VDC)
(mA)
(%)
Load
RAC03-3.3SC
90-264
3.3
900
63
2200µF
RAC03-3.8SC
90-264
3.8
900
63
2200µF
RAC03-05SC
90-264
5
600
73
2200µF
RAC03-09SC
90-264
9
333
76
1200µF
RAC03-12SC
90-264
12
250
76
1000µF
RAC03-15SC
90-264
15
200
76
680µF
RAC03-24SC
90-264
24
125
78
330µF
Derating Graph (Ambient)
EN-60950-1 Pending
UL-60950-1 Pending
RoHS
2002/95/EC
6/6


Similar Part No. - RAC03-3.8SC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC03-3.8SC RECOM-RAC03-3.8SC Datasheet
85Kb / 2P
3 Watt Single Output
More results

Similar Description - RAC03-3.8SC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC03-SE RECOM-RAC03-SE Datasheet
293Kb / 3P
3 Watt Single Output
RAC03-SER RECOM-RAC03-SER Datasheet
354Kb / 3P
3 Watt Single Output
RAC03-SC RECOM-RAC03-SC Datasheet
85Kb / 2P
3 Watt Single Output
RAC03-SE-277 RECOM-RAC03-SE-277 Datasheet
419Kb / 4P
3 Watt Single Output
RAC03-SE-277-W RECOM-RAC03-SE-277-W Datasheet
377Kb / 4P
3 Watt Single Output
RAC03-SER-277 RECOM-RAC03-SER-277 Datasheet
385Kb / 4P
3 Watt Single Output
RACD03-PSE RECOM-RACD03-PSE Datasheet
809Kb / 4P
3 Watt CC/CV Single Output
RI3-0505S RECOM-RI3-0505S Datasheet
330Kb / 5P
3 Watt SIP4 Single Output
RKZ3 RECOM-RKZ3 Datasheet
632Kb / 6P
3 Watt SIP7 Single Output
RS3K-Z RECOM-RS3K-Z Datasheet
2Mb / 4P
3 Watt SIP8 Single Output
REV.: 0/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com