Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC824 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC824
Description  AC Input Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC824 Datasheet(HTML) 4 Page - Sharp Corporation

  PC824 Datasheet HTML 1Page - Sharp Corporation PC824 Datasheet HTML 2Page - Sharp Corporation PC824 Datasheet HTML 3Page - Sharp Corporation PC824 Datasheet HTML 4Page - Sharp Corporation PC824 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
50
0
100
150
0
25
100
75
50
Fig. 7 Relative Current Transfer Ratio vs.
Ambient Temperature
25
0
50
75
100
Fig. 9 Collector Dark Current vs.
Ambient Temperature
Fig.11 Frequency Response
Frequency f ( kHz )
0.2
20
2
200
1 000
0
100
Ω
1k
Ω
0.5 1
5
10
50 100
500
Fig. 8 Collector-emitter Saturation Voltage
vs. Ambient Temperature
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
L ( k Ω )
100
5
2
1
0.5
0.1
0.2
0.03
0.1
1
10
0.2
0.5
2
5
50
20
10
PC814 Series
Test Circuit for Response Time
VCC
t
tr
ts
90%
10%
td
Output
Input
RL
Input
Output
RD
-30
-20
-15
-10
-5
f
0
-30
0.01
0
20
40
60
80
100
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
I F = 1mA
V CE =5V
V CE = 20V
V CE =5V
IC = 2mA
Ta = 25˚C
RL = 10k Ω
t r
t f
t d
ts
V CE =2V
IC = 2mA
Ta = 25˚C
IF = 20mA
IC = 1mA
-30
10 -12
10 -11
10 -10
10 -9
10 -8
10 -7
10 -6
Fig.10 Response Time vs. Load Resistance
Load resistance R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com