Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC818 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC818
Description  High Density Mounting Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC818 Datasheet(HTML) 3 Page - Sharp Corporation

  PC818 Datasheet HTML 1Page - Sharp Corporation PC818 Datasheet HTML 2Page - Sharp Corporation PC818 Datasheet HTML 3Page - Sharp Corporation PC818 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC818
0.1
0.5
0.2
12
5
10
0
20
50
Forward current I F ( mA )
60
80
100
120
20
40
100
0
140
0
25
50
75
100
120
100
80
60
40
20
(1)
(2)
Fig. 7 Relative Current Transfer Ratio vs.
Ambient Temperature
0
0.05
- 25
0
25
50
75
100
0.10
0.15
0.20
0.25
0.30
0.35
0.40
25
0
50
75
100
5V
Fig. 9 Collector Dark Current vs.
Ambient Temperature
Fig. 5 Current Transfer Ratio vs.
Forward Current
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Fig. 8 Collector-emitter Saturation Voltage
vs. Ambient Temperature
Ambient temperature T a (˚C)
0
0
5
12
345
67
8
9
10
10
15
20
10mA
5mA
1mA
25
Fig. 6 Collector Current vs.
Collector-emitter Voltage
20mA
Collector-emitter voltage V CE (V)
5
2
1
0.5
0.2
0.1
1
10
0.05
0.2
0.5
2
5
50
20
10
L ( k Ω )
VCE =5V
Ta = 25˚C
Ta = 25˚C
P C ( MAX. )
IF = 30mA
-25
(1) I F = 5mA, V CE =5V
(2) IF = 1mA, V CE = 0.4V
IF = 20mA
IC = 1mA
10 -12
10 -11
10 -10
10 -9
10 -8
10 -7
10 -6
-25
VCE = 20V
t r
t f
t d
t s
VCE =2V
IC = 2mA
Ta = 25˚C
Fig.10 Response Time vs. Load Resistance
Load resistance R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com