Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

744862082 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744862082
Description  CURRENT-COMPENSATED CHOKE WE-TFC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744862082 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744862082 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744862082 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bezeichnung :
description :
MKe
Version 01
12.12.2010
Name
Änderung / modification
Datum / date
Spezifikation für Freigabe / specification for release
Kunde / customer :
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
H Einfügedämpfung / insertion loss:
Geprüft / checked
Kontrolliert / approved
Geprüft / checked
Kontrolliert / approved
Datum / date
..................................................................................
Common Mode
Differential Mode
CURRENT-COMPENSATED CHOKE WE-TFC
DATUM / DATE : 2010-12-12
STROMKOMPENSIERTE DROSSEL WE-TFC
Artikelnummer / part number :
744862082
0
10
20
30
40
50
60
70
0,01
0,1
1
10
100
Frequenz / frequency [MHz]
0
10
20
30
40
50
60
70
80
0,01
0,1
1
10
100
Frequenz / frequency [MHz]
Typische Einfügedämpfung / typical insertion loss
Common mode
Differential mode
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating thi s component into any equipment where higher safety and reliability is
especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aero space, aviation, nuclear control, submarine, transportation, (automotive
control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, W ürth Elektronik eiSos GmbH must be informed before the design -in stage. In
addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used i n electrical circuits that require high safety and reliability functions or
performance.
SEITE 2 VON 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com