Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALTAIR05T-800 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ALTAIR05T-800
Description  Off-line all-primary-sensing switching regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALTAIR05T-800 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ALTAIR05T-800 Datasheet HTML 17Page - STMicroelectronics ALTAIR05T-800 Datasheet HTML 18Page - STMicroelectronics ALTAIR05T-800 Datasheet HTML 19Page - STMicroelectronics ALTAIR05T-800 Datasheet HTML 20Page - STMicroelectronics ALTAIR05T-800 Datasheet HTML 21Page - STMicroelectronics ALTAIR05T-800 Datasheet HTML 22Page - STMicroelectronics ALTAIR05T-800 Datasheet HTML 23Page - STMicroelectronics ALTAIR05T-800 Datasheet HTML 24Page - STMicroelectronics ALTAIR05T-800 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ALTAIR05T-800
Application information
Doc ID 17957 Rev 1
21/28
5.10
Hiccup mode OCP
The device is also protected against short circuit of the secondary rectifier, short circuit on
the secondary winding or a hard-saturated flyback transformer. A comparator monitors
continuously the voltage on the RSENSE and activates a protection circuitry if this voltage
exceeds 1 V.
To distinguish an actual malfunction from a disturbance (e.g. induced during ESD tests), the
first time the comparator is tripped the protection circuit enters a “warning state”. If in the
subsequent switching cycle the comparator is not tripped, a temporary disturbance is
assumed and the protection logic is reset in its idle state; if the comparator is tripped again a
real malfunction is assumed and the device is stopped.
This condition is latched as long as the device is supplied. While it is disabled, however, no
energy is coming from the self-supply circuit; hence the voltage on the VCC capacitor decays
and cross the UVLO threshold after some time, which clears the latch. The internal start-up
generator is still off, then the VCC voltage still needs to go below its restart voltage before the
VCC capacitor is charged again and the device restarted. Ultimately, this results in a low-
frequency intermittent operation (Hiccup-mode operation), with very low stress on the power
circuit. This special condition is illustrated in the timing diagram of
Figure 19.
Figure 19.
Hiccup-mode OCP: timing diagram
5.11
Layout recommendations
A proper printed circuit board layout is essential for correct operation of any switch-mode
converter and this is true for the ALTAIR05T-800 as well. Careful component placing, correct
traces routing, appropriate traces widths and compliance with isolation distances are the
major issues. In particular:
●
The compensation network should be connected as close as possible to the COMP
pin, maintaining the trace for the GND as short as possible
●
Signal Ground should be routed separately from power ground, as well from the sense
resistor trace.
VDS
VccON
VccOFF
Vccrest
Secondary diode is shorted here
t
t
t
VSOURCE
1 V
Two switching cycles
VCC
Vcsdis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com