Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC853 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC853
Description  High Collector-emitter Voltage Type Photocouplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC853 Datasheet(HTML) 4 Page - Sharp Corporation

  PC853 Datasheet HTML 1Page - Sharp Corporation PC853 Datasheet HTML 2Page - Sharp Corporation PC853 Datasheet HTML 3Page - Sharp Corporation PC853 Datasheet HTML 4Page - Sharp Corporation PC853 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Forward current I F ( mA )
0
0.1
0.2
0.5
1
2
5
10
0
0
100
200
12345
0.5mA
1mA
1.5mA
2mA
2.5mA
3mA
5mA
Collector-emitter Voltage
Collector-emitter voltage V CE (V)
0
0
100
200
12345
Collector-emitter voltage V CE (V)
Collector-emitter Voltage
50
0
100
150
0
20
40
60
80
100
50
0
100
150
0
0
-30
0.2
0
20406080
100
0.4
0.6
0.8
1.0
1.2
Fig. 8 Collector-emitter Saturation
Voltage vs. Ambient Temperature
Ambient temperature T a (˚C)
20
0
40
60
-11
80
100
10 -10
10-9
10-8
10-7
10-6
10-5
Fig. 9 Collector Dark Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
PC852 Series/PC853/PC853H
Forward Current
(PC853/PC853H )(PC852 Series )
(PC853 / PC853H )
P C ( MAX. )
Fig. 5-b Current Transfer Ratio vs.
Fig. 6-a Collector Current vs.
Fig. 6-b Collector Current vs.
Fig. 7 Relative Current Transfer Ratio vs.
Ambient Temperature
Ambient Temperature T a (˚C)
0.5mA
1mA
1.5mA
2mA
2.5mA
3mA
5mA
VCE =2V
Ta = 25˚C
Ta = 25˚C
IF = 10mA
Ta = 25˚C
P C ( MAX. )
IF = 10mA
IF = 1mA
VCE =2V
IF = 20mA
IC = 100mA
VCE = 200V
5 000
4 000
3 000
2 000
1 000
-30
-30
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com