Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC861 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC861
Description  High Collector-emitter Voltage, High Density Mounting Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC861 Datasheet(HTML) 2 Page - Sharp Corporation

  PC861 Datasheet HTML 1Page - Sharp Corporation PC861 Datasheet HTML 2Page - Sharp Corporation PC861 Datasheet HTML 3Page - Sharp Corporation PC861 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC816 Series
*3 For 10 seconds
Model No.
CTR ( % )
PC816A
80 to 160
PC816B
130 to 260
PC816C
200 to 400
PC816D
300 to 600
PC816AB
80 to 260
PC816BC
130 to 400
PC816CD
200 to 600
PC816AC
80 to 400
PC816BD
130 to 600
PC816AD
80 to 600
PC816
50 to 600
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
V CEO
70
V
Emitter-collector voltage
V ECO
6V
Collector current
IC
50
mA
Collector power dissipation
P C
150
mW
Total power dissipation
P tot
200
mW
*2 Isolation voltage
V iso
Operating temperature
T opr
- 30 to + 100
˚C
Storage temperature
T stg
- 55 to + 125
˚C
*3 Soldering temperature
T sol
260
˚C
*1 Pulse width <=100
µs, Duty ratio : 0.001
(Ta = 25˚C )
s Absolute Maximum Ratings
Rank mark
A
B
C
D
A or B
B or C
C or D
A, B or D
B, C or D
A, B, C or D
A, B, C, D or No mark
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 20mA
-
1.2
1.4
V
Peak forward voltage
V FM
IFM = 0.5A
-
-
3.0
V
Reverse current
IR
V R =4V
-
-
10
µ A
Terminal capacitance
Ct
V = 0, f = 1kHz
-
30
250
pF
V CE = 20V, I F =0
-
-
10 -7
A
CTR
IF = 5mA, V CE = 5V
50
-
600
%
V CE(sat)
IF = 20mA, I C = 1mA
-
0.1
0.2
V
R ISO
5x 1010
10
11
-
Ω
Cf
V = 0, f = 1MHz
-
0.6
1.0
pF
fc
VCE = 5V, I C = 2mA, R L = 100
Ω, - 3dB
-
80
-
kHz
t r
V CE = 2V, I C = 2mA
-
4
18
µ s
tf
RL = 100
Ω
-3
18
µ s
(Ta = 25˚C )
s Electro-optical Characteristics
*4 Classification table of current
Output
Collector dark current
Transfer
charac-
teristics
*4Current transfer ratio
Collector-emitter saturation voltage
Isolation resistance
Floating capacitance
Cut-off frequency
Rise time
Fall time
0
-30
10
0
25
50
75
100
125
20
30
40
50
60
Fig. 1 Forward Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
Response time
CEO
I
transfer ratio is shown below.
5 000
*2 40 to 60% RH, AC for 1 minute
DC500V, 40 to 60% RH
V rms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com