Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6TY Datasheet(PDF) 3 Page - STMicroelectronics

Part # SM6TY
Description  Automotive 600 W Transil
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6TY Datasheet(HTML) 3 Page - STMicroelectronics

  SM6TY Datasheet HTML 1Page - STMicroelectronics SM6TY Datasheet HTML 2Page - STMicroelectronics SM6TY Datasheet HTML 3Page - STMicroelectronics SM6TY Datasheet HTML 4Page - STMicroelectronics SM6TY Datasheet HTML 5Page - STMicroelectronics SM6TY Datasheet HTML 6Page - STMicroelectronics SM6TY Datasheet HTML 7Page - STMicroelectronics SM6TY Datasheet HTML 8Page - STMicroelectronics SM6TY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SM6TY
Characteristics
Doc ID 17741 Rev 1
3/11
Table 3.
Electrical characteristics, typical values unless otherwise stated (Tamb = 25 °C)
Order code
IRM max@VRM
VBR @IR
(1)
VCL @IPP
10/1000 µs
RD
(2)
10/1000 µs
VCL @IPP
8/20 µs
RD
(2)
8/20 µs
αT
25 °C 85 °C
min. typ.
max.
max.
max.
µA
V
V
mA
V(3)
A(4)
Ω
V(3)
A(4)
Ω
10-4/ °C
SM6T7V5AY
20
50
6.4
7.13
7.5
10
11.3
53
0.065
14.5 276
0.024
6.1
SM6T18AY/CAY
0.2
1
15.3 17.1
18
1
25.2
24
0.263
32.5 123
0.111
8.8
SM6T22AY/CAY
0.2
1
18.8 20.9
22
1
30.6
20
0.375
39.3 102
0.159
9.2
SM6T24AY/CAY
0.2
1
20.5 22.8
24
1
33.2
18
0.444
42.8
93
0.189
9.4
SM6T27AY/CAY
0.2
1
23.1 25.7
27
1
37.5
16
0.569
48.3
83
0.240
9.6
SM6T30AY/CAY
0.2
1
25.6 28.5
30
1
41.5
14.5
0.690
53.5
75
0.293
9.7
SM6T33AY/CAY
0.2
1
28.2 31.4
33
1
45.7
13.1
0.840
59.0
68
0.357
9.8
SM6T36AY/CAY
0.2
1
30.8 34.2
36
1
49.9
12
1.01
64.3
62
0.427
9.9
SM6T39AY/CAY
0.2
1
33.3 37.1
39
1
53.9
11.1
1.16
69.7
57
0.504
10.0
SM6T42CAY
0.2
1
36
40
42.1
1
58.1
10.3
1.35
76
52
0.611
10.0
SM6T47AY/CAY
0.2
1
40
44.4 46.7
1
64.5
9.7
1.59
84
48
0.728
10.1
SM6T68AY/CAY
0.2
1
58.1 64.6
68
1
92
6.5
3.17
121
33
1.503
10.4
1.
Pulse test : tp < 50 ms
2.
To calculate maximum clamping voltage at another surge level, use the following formula:
VCLmax = VCL - RD x (IPP - IPPappli) where IPPappli is the surge current in the application.
3.
To calculate VBR or VCL versus junction temperature, use the following formulas:
VBR @ TJ = VBR @ 25°C x (1 + αT x (TJ - 25))
VCL @ TJ = VCL @ 25°C x (1 + αT x (TJ - 25))
4.
Surge capability given for both directions for unidirectional and bidirectional types.
Figure 3.
Peak power dissipation versus
initial junction temperature
(typical values)
Figure 4.
Peak pulse power versus
exponential pulse duration
0
100
200
300
400
500
600
700
10/1000 µs
0
25
50
75
100
125
150
175
P
pp (W)
Tj(°C)
0.1
1.0
10.0
100.0
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
P
PP(kW)
T
j initial = 25 °C
tP(ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com