Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM15TY Datasheet(PDF) 4 Page - STMicroelectronics

Part # SM15TY
Description  Automotive 1500 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15TY Datasheet(HTML) 4 Page - STMicroelectronics

  SM15TY Datasheet HTML 1Page - STMicroelectronics SM15TY Datasheet HTML 2Page - STMicroelectronics SM15TY Datasheet HTML 3Page - STMicroelectronics SM15TY Datasheet HTML 4Page - STMicroelectronics SM15TY Datasheet HTML 5Page - STMicroelectronics SM15TY Datasheet HTML 6Page - STMicroelectronics SM15TY Datasheet HTML 7Page - STMicroelectronics SM15TY Datasheet HTML 8Page - STMicroelectronics SM15TY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
SM15TY
4/12
Doc ID 17865 Rev 1
Figure 3.
Peak pulse power dissipation
versus initial junction temperature
(typical values)
Figure 4.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25 °C)
0
500
1000
1500
2000
0
25
50
75
100
125
150
175
P (W)
PP
T (°C)
j
10/1000 µs
0.1
1.0
10.0
100.0
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
P (kW)
PP
tp (ms)
Figure 5.
Clamping voltage versus peak
pulse current (exponential
waveform, maximum values)
Figure 6.
Junction capacitance versus
reverse applied voltage for
unidirectional types (typical values)
0.1
1.0
10.0
100.0
1000.0
10
100
1000
I (A)
PP
V (V)
CL
Tj initial=25 °C
8/20 µs
10/1000 µs
10 ms
SM15T22AY/CAY
SM15T68AY/CAY
SM15T30AY/CAY
C(nF)
0.10
1.00
10.00
1
10
100
F=1 MHz
Vosc=30 mVRMS
Tj=25 °C
SM15T30AY
SM15T68AY
V (V)
R
Figure 7.
Junction capacitance versus
reverse applied voltage for
bidirectional types (typical values)
Figure 8.
Thermal resistance junction to
ambient versus copper surface
under each lead
C(nF)
0.1
1.0
10.0
1
10
100
F=1 MHz
Vosc=30 mVRMS
Tj=25 °C
SM15T30CAY
SM15T68CAY
V (V)
R
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
S (cm²)
Cu
Printed circuit board FR4,
copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com