Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S09 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST1S09
Description  2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST1S09_10 Datasheet HTML 8Page - STMicroelectronics ST1S09_10 Datasheet HTML 9Page - STMicroelectronics ST1S09_10 Datasheet HTML 10Page - STMicroelectronics ST1S09_10 Datasheet HTML 11Page - STMicroelectronics ST1S09_10 Datasheet HTML 12Page - STMicroelectronics ST1S09_10 Datasheet HTML 13Page - STMicroelectronics ST1S09_10 Datasheet HTML 14Page - STMicroelectronics ST1S09_10 Datasheet HTML 15Page - STMicroelectronics ST1S09_10 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Application information
ST1S09
12/18
Doc ID 13632 Rev 4
7
Application information
The ST1S09 is an adjustable current mode PWM step-down DC-DC converter with internal
2 A power switch, packaged in a DFN6 3 x 3 mm.
The device is a complete 2 A switching regulator with its internal compensation eliminating
the need for additional components.
The constant frequency, current mode, PWM architecture and stable operation with ceramic
capacitors results in low, predictable output ripple.
The over-voltage protection circuit acts when the output voltage is over 10 % of the rated
voltage and within 200 ns the low side MOSFET will be turned on to clamp the output
transient. The current limit for clamping is about 400 mA. When the output voltage drops to
about 5 % above the nominal level, the device returns to nominal closed loop switching
operation.
The open drain Power Good (PG) pin is released when the output voltage is higher than
0.92 x VO_NOM. If the output voltage is below 0.92 x VO, the PG pin goes to low impedance.
Other circuits fitted to the device protection are the thermal shut-down block, which turns off
the regulator when the junction temperature exceeds 150 °C (typ), and the cycle-by-cycle
current limiting, which provides protection against shorted outputs.
As an adjustable regulator, the ST1S09’s output voltage is determined by an external
resistor divider. The desired value is given by the following equation:
Equation 1
VO = VFB [1 + R1 / R2]
To utilize the device, only a few components are required: an inductor, two capacitors and
the resistor divider. The inductor chosen must be able to reach peak current level without
saturating. Its value can be selected while taking into account that a large inductor value
increases the efficiency at low output current and reduces output voltage ripple, while a
smaller inductor can be chosen when it is important to reduce package size and the total
cost of the application. Finally, the ST1S09 has been designed to work properly with X5R or
X7R SMD ceramic capacitors both at the input and at the output. These types of capacitors,
due to their very low series resistance (ESR), minimize the output voltage ripple. Other low
ESR capacitors can be used according to the need of the application without compromising
the correct functioning of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com