Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S09 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST1S09
Description  2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST1S09 Datasheet HTML 5Page - STMicroelectronics ST1S09 Datasheet HTML 6Page - STMicroelectronics ST1S09 Datasheet HTML 7Page - STMicroelectronics ST1S09 Datasheet HTML 8Page - STMicroelectronics ST1S09 Datasheet HTML 9Page - STMicroelectronics ST1S09 Datasheet HTML 10Page - STMicroelectronics ST1S09 Datasheet HTML 11Page - STMicroelectronics ST1S09 Datasheet HTML 12Page - STMicroelectronics ST1S09 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ST1S09
Typical performance characteristics
Doc ID 13632 Rev 4
9/18
Figure 9.
Line regulation vs. temperature
Figure 10.
Load regulation vs. temperature
Figure 11.
PWM Switching frequency vs.
temperature
Figure 12.
Maximum duty cycle vs.
temperature
Figure 13.
Under voltage lock out threshold
vs. temperature
Figure 14.
Efficiency vs. output current
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-75
-50 -25
0
25
50
75
100 125 150 175
T [°C]
V
O@1.2V
V
I = from 2.7V to 5.5V, IO = 100mA
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-75
-50 -25
0
25
50
75
100 125 150 175
T [°C]
V
O@1.2V
V
I = from 2.7V to 5.5V, IO = 100mA
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
0.9
1.1
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
O@1.2V
V
I = 5V, IO from10mA to 2A
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
0.9
1.1
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
O@1.2V
V
I = 5V, IO from10mA to 2A
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
-75
-50
-25
0
25
50
75
100
125 150 175
T [°C]
V
I=5V, VFB=0.6V
V
O@1.2V
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
-75
-50
-25
0
25
50
75
100
125 150 175
T [°C]
V
I=5V, VFB=0.6V
V
O@1.2V
V
O@3.3V
70
72
74
76
78
80
82
84
86
88
90
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
I=5V, VFB=0.6V
V
O@3.3V
70
72
74
76
78
80
82
84
86
88
90
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
I=5V, VFB=0.6V
V
O@1.2V
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
I
O=10mA
V
O@1.2V
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
I
O=10mA
25
35
45
55
65
75
85
95
0
500
1000
1500
2000
Iout [mA]
V
IN=5V
V
O=1.2V
V
O=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com