Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC866 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC866
Description  Low Driving Current Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC866 Datasheet(HTML) 4 Page - Sharp Corporation

  PC866 Datasheet HTML 1Page - Sharp Corporation PC866 Datasheet HTML 2Page - Sharp Corporation PC866 Datasheet HTML 3Page - Sharp Corporation PC866 Datasheet HTML 4Page - Sharp Corporation PC866 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0
0.1
500
15
400
300
200
100
Forward current I F ( mA )
0
50
100
150
- 30
0
20
40
60
80
100
Fig. 9 Relative Current Transfer Ratio vs.
Ambient Temperature
0
-30
0.02
Ambient temperature T
(˚C)
0
20406080
100
0.04
0.06
0.08
0.10
0.12
0.14
0.16
20
0
40
60
80
10 -10
10 -9
10 -8
10 -6
10 -5
5
5
5
5
5
5
100
10 -7
Ambient Temperature
0
0
Collector-emitter voltage VCE (V)
10
12345
20
30
40
50
PC ( MAX.)
20mA
10mA
5mA
1mA
Fig. 8 Collector Current vs.
Collector-emitter Voltage
L ( k Ω )
0.2
0.1
0.5
1
2
0.01
0.1
1
10
50
PC866 Series
Fig. 7 Current Transfer Ratio vs.
Forward Current
5
10
20
50
100
200
500
Fig.10 Collector-emitter Saturation Voltage
vs. Ambient Temperature
Fig.11 Collector Dark Current vs.
10 -11
-30
Ambient temperature T a (˚C)
a
Ta = 25˚C
V CE = 0.5V
I F = 1mA
V CE = 0.5V
V CE = 24V
V CE =2V
IC = 2mA
Ta = 25˚C
t r
t f
t d
ts
IF = 20mA
IC = 1mA
IF = 30mA
Ambient temperature T a (˚C)
Fig.12 Response Time vs. Load Resistance
Load resistance R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com