Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6331GTR Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6331GTR
Description  16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6331GTR Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6331GTR Datasheet HTML 1Page - MOSA ELECTRONICS MS6331GTR Datasheet HTML 2Page - MOSA ELECTRONICS MS6331GTR Datasheet HTML 3Page - MOSA ELECTRONICS MS6331GTR Datasheet HTML 4Page - MOSA ELECTRONICS MS6331GTR Datasheet HTML 5Page - MOSA ELECTRONICS MS6331GTR Datasheet HTML 6Page - MOSA ELECTRONICS MS6331GTR Datasheet HTML 7Page - MOSA ELECTRONICS MS6331GTR Datasheet HTML 8Page - MOSA ELECTRONICS MS6331GTR Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MOSA
MS6331
16-Bit Stereo Audio DAC & Headphone Driver
REV 2
2/9
www.mosanalog.com
PIN CONFIGURATION
Symbol
Pin
Description
VDD
1
Positive supply voltage
OUTL
2
Left channel output
OUTR
3
Right channel output
CAP
4
Capacitor
BCK
5
Bit clock input
WS
6
Word select input
DATA
7
Data input
GND
8
Ground
7
6
5
8
2
3
4
1
MS6331
GND
DATA
WS
BCK
V
DD
OUTL
OUTR
CAP
Pin 4 : Capacitor = 1uF~10uF
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
8-Pin SOP (lead free)
MS6331GTR
MS6331G
2.5k Units Tape and Reel
8-Pin SOP (lead free)
MS6331GU
MS6331G
100 Units Tube
8-Pin MSOP (lead free)
MS6331MGTR
6331G
3.5k Units Tape and Reel
8-Pin MSOP (lead free)
MS6331MGU
6331G
80 Units Tube
RoHS Compliance
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Positive Supply Voltage
6.5
V
VESD
Electrostatic Handling
-3000 to 3000
V
TSTG
Storage Temperature Range
-65 to 150
℃
TA
Operating Ambient Temperature Range
-40 to 85
℃
TJ
Maximum Junction Temperature
150
℃
TS
Soldering Temperature, 10 seconds
260
℃
RTHJA
Thermal Resistance from Junction to Ambient in Free Air
SOP8
210
℃/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
2.5
-
6.5
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com