Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6331GU Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6331GU
Description  16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6331GU Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6331GU Datasheet HTML 1Page - MOSA ELECTRONICS MS6331GU Datasheet HTML 2Page - MOSA ELECTRONICS MS6331GU Datasheet HTML 3Page - MOSA ELECTRONICS MS6331GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6331GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6331GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6331GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6331GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6331GU Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MOSA
MS6331
16-Bit Stereo Audio DAC & Headphone Driver
REV 2
1/9
www.mosanalog.com
16-bit Stereo Audio DAC & Headphone Driver
Component Less, Low Cost
FEATURES
‧Operation range: 2.5V~6.5V
‧Excellent Power Supply Rejection Ratio(PSRR)
‧Component less
‧No zero crossing distortion
‧Cost effective
‧Fast setting time permits 2*, 4*, and 8* oversampling
(serial
input)
or
double
speed
operation
at
4*
oversampling
‧Compatible with most of the Japanese input formats;
time multiplexed, two's complement, TTL input level
‧ Housed in SOP8, MSOP8 package
APPLICATIONS
‧Multimedia system, MP3, PDA, Portable Digital Audio.
DESCRIPTION
The MS6331 is an integrated 16-bit voltage-output Digital-to-Analog Converter (DAC) and class AB stereo headphone
driver. The MS6331 is with the excellent Power Supply Rejection Ratio(PSRR). It is fabricated in a CMOS process
and features extremely low power dissipation, small package size and easy application. The accuracy of the matched
coarse current sources, combined with the unique symmetrical decoding method, preclude zero-crossing distortion and
ensures high quality audio reproduction. These unique features, combined with its exceptional performance, make the
MS6331 ideally suited for use in digital audio equipment.
BLOCK DIAGRAM
+
-
+
-
VDD
GND
CAP
BCK
WS
DATA
OUTR
OUTL
DAC
HP


Similar Part No. - MS6331GU

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6331GU MOSA-MS6331GU Datasheet
227Kb / 7P
16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
More results

Similar Description - MS6331GU

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
Low Cost 16-Bit Stereo Audio DAC
MS6331 MOSA-MS6331 Datasheet
227Kb / 7P
16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
MS6332 MOSA-MS6332 Datasheet
238Kb / 7P
16-Bit Stereo Audio DAC & Headphone Driver Mute and Power Down Function Component Less, Low Cost
MS6334 MOSA-MS6334 Datasheet
608Kb / 17P
16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
MS6330 MOSA-MS6330 Datasheet
449Kb / 11P
16-Bit Stereo Audio DAC & Headphone Driver Power Down Function, Component Less
MS6337 MOSA-MS6337 Datasheet
815Kb / 19P
16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
logo
Maxim Integrated Produc...
MAX5556 MAXIM-MAX5556_11 Datasheet
644Kb / 17P
Low-Cost Stereo Audio DAC
Rev 1; 2/11
logo
MOSA ELECTRONICS
MS6332 MOSA-MS6332_1 Datasheet
247Kb / 9P
16-Bit Stereo Audio DAC & Headphone Driver Mute and Power Down Function Component Less, Low Cost
MS6333 MOSA-MS6333_1 Datasheet
302Kb / 13P
16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
Low Cost 16-Bit Stereo Audio DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com