Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6333 Datasheet(PDF) 9 Page - MOSA ELECTRONICS

Part # MS6333
Description  16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6333 Datasheet(HTML) 9 Page - MOSA ELECTRONICS

Back Button MS6333_1 Datasheet HTML 5Page - MOSA ELECTRONICS MS6333_1 Datasheet HTML 6Page - MOSA ELECTRONICS MS6333_1 Datasheet HTML 7Page - MOSA ELECTRONICS MS6333_1 Datasheet HTML 8Page - MOSA ELECTRONICS MS6333_1 Datasheet HTML 9Page - MOSA ELECTRONICS MS6333_1 Datasheet HTML 10Page - MOSA ELECTRONICS MS6333_1 Datasheet HTML 11Page - MOSA ELECTRONICS MS6333_1 Datasheet HTML 12Page - MOSA ELECTRONICS MS6333_1 Datasheet HTML 13Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MOSA
MS6333
16-Bit Stereo Audio DAC & Headphone Driver
REV 7
9/13
www.mosanalog.com
POWER DOWN AND MUTE FUNCTION
A microcontroller or microprocessor control power and mute function timing on MS6333 is shown in Figure 3. It
could prevent pop noise effectively when power on and power off. The signals of power down function and mute
function are ignored during initial time 350ms when power on. It is better to control mute function after 1sec. The
sequence is mute on and then power down when power off.
PD
VTM
POWER
350ms
1sec
Voutput
>0sec
Power on:
Delay >350msec from power on to mute off.
Power off:
Delay >0sec from mute on to power off.
Fig.3
Power and mute function timing.
APPLICATION INFORMATION
Basic application example
A typical example of an MP3-application with the MS6333 is shown in Fig.4.
Power voltage of digital and analog can be used single supply voltage.
AVSS
DVDD
DGND
HP VDD
AVDD
BCK
WS
DATA
100K
1uF
2.2uF
300K
PD
Headphone
Headphone
CF
VOR-IN
RF
47uF
32Ω
VOR-OUT
CF
VOL-IN
RF
47uF
32Ω
VOL-OUT
CAP
Decoder
Supply
2.7~5.5V
0.1uF
100uF
HP VSS
0.1uF
0.1uF
MCU
MS6333
MUTE
Note :
Vo=0.023663*RF*VDD Vpp
RF//CF to decide –3dB point
VTM: Mute control voltage
For VDD=3V, RL=32, RF =24k, CF =390pF, Vo=1.7Vpp
_RL=16, RF =22k, CF =470pF, Vo=1.56Vpp
Fig.4
MP3 Basic application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com