Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6610 Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6610
Description  16-Bits Stereo Audio DAC, Current output, Low Power Consumption, Low Voltage,
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6610 Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6610 Datasheet HTML 1Page - MOSA ELECTRONICS MS6610 Datasheet HTML 2Page - MOSA ELECTRONICS MS6610 Datasheet HTML 3Page - MOSA ELECTRONICS MS6610 Datasheet HTML 4Page - MOSA ELECTRONICS MS6610 Datasheet HTML 5Page - MOSA ELECTRONICS MS6610 Datasheet HTML 6Page - MOSA ELECTRONICS MS6610 Datasheet HTML 7Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOSA
MS6610
16-bit current-output Digital-to-Analog Converter
REV 4
1/7
www.mosanalog.com
16-Bits Stereo Audio DAC, Current output,
Low Power Consumption, Low Voltage,
FEATURES
‧ Operation range: 2.7V~6.5V.
‧ Low power consumption
‧ Low distortion.
‧ No zero crossing distortion.
‧ Wide dynamic range(16-bit resolution).
‧ Current output
‧ Space saving package SOP8.
‧ Fast setting time permits 2*, 4*, and 8*
oversampling(serial input) or double speed operation at 4*
oversampling .
‧ Output and bias current are proportional to supply voltage
‧ Internal timing and control circuits
‧ Internal bias current ensures maximum dynamic range
APPLICATIONS
‧ DVD, Multimedia system.
DESCRIPTION
The MS6610 is a 16-bit current-output Digital-to-Analog Converter(DAC). The MS6610 is fabricated in a 0.8
µm
CMOS process and features extremely low power dissipation, small package size and ease of application. The accuracy
of the matched coarse current sources, combined with the unique symmetrical decoding method, preclude zero-
crossing distortion and ensures high quality audio reproduction. These unique features, combined with its exceptional
performance, make the MS6610 ideally suited for use in digital audio equipment. MS6610 is pin and function
compatible with the Philips, TDA1545.
PINNING
Symbol
Pin
Description
BCK
1
bit clock input
WS
2
word select input
DATA
3
data input
GND
4
ground
VDD
5
positive supply voltage
IOL
6
left channel output
VREF
7
reference voltage output
IOR
8
right channel output
7
6
5
8
2
3
4
1
MS6610
IOR
IREF
IOL
VDD
BCK
WS
DATA
GND


Similar Part No. - MS6610

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6610 MOSA-MS6610 Datasheet
162Kb / 6P
Stereo Audio DAC
MS6610BSGTR MOSA-MS6610BSGTR Datasheet
162Kb / 6P
Stereo Audio DAC
MS6610BSGU MOSA-MS6610BSGU Datasheet
162Kb / 6P
Stereo Audio DAC
MS6610BSTR MOSA-MS6610BSTR Datasheet
162Kb / 6P
Stereo Audio DAC
MS6610BSU MOSA-MS6610BSU Datasheet
162Kb / 6P
Stereo Audio DAC
More results

Similar Description - MS6610

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6323 ETC-MS6323 Datasheet
281Kb / 8P
16-Bits Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
Low Cost 16-Bit Stereo Audio DAC
MS6323 MOSA-MS6323 Datasheet
231Kb / 9P
16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
logo
Maxim Integrated Produc...
MAX5556 MAXIM-MAX5556_11 Datasheet
644Kb / 17P
Low-Cost Stereo Audio DAC
Rev 1; 2/11
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311_1 Datasheet
146Kb / 6P
16-Bits Stereo Audio DAC
MS6313 MOSA-MS6313_1 Datasheet
494Kb / 8P
16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
MS6323 MOSA-MS6323_1 Datasheet
309Kb / 11P
16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
MS6324 MOSA-MS6324 Datasheet
603Kb / 13P
16-Bits Stereo Audio DAC Low Power Consumption
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
Low Cost 16-Bit Stereo Audio DAC
MS6324 MOSA-MS6324_26 Datasheet
603Kb / 13P
16-Bits Stereo Audio DAC Low Power Consumption Low Voltage, Excellent PSRR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com